Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM93C56VMT8 Datasheet(PDF) 8 Page - Fairchild Semiconductor

No. de pieza FM93C56VMT8
Descripción Electrónicos  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C56VMT8 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FM93C56VMT8 Datasheet HTML 4Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 5Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 6Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 7Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 8Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 9Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 10Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 11Page - Fairchild Semiconductor FM93C56VMT8 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.fairchildsemi.com
FM93CS56 Rev. C.1
instruction should be issued as listed under Table1. After inputting
the last bit of address (A0 bit), CS signal must be brought low
before the next rising edge of the SK clock. This falling edge of the
CS initiates the self-timed programming cycle. It takes t
WP time
(Refer appropriate DC and AC Electrical Characteristics table) for
the internal programming cycle to finish. During this time, the
device remains busy and is not ready for another instruction.
Status of the internal programming can be polled as described
under WRITE instruction description. While the device is busy, it
is recommended that no new instruction be issued. The Protect
Register is permanently write-protected at the end of this cycle.
Refer
Protect Register Disable cycle diagram.
Clearing of Ready/Busy status
When programming is in progress, the Data-Out pin will display
the programming status as either BUSY (low) or READY (high)
when CS is brought high (DO output will be tri-stated when CS is
low). To restate, during programming, the CS pin may be brought
high and low any number of times to view the programming status
without affecting the programming operation. Once programming
is completed (Output in READY state), the output is ‘cleared’
(returned to normal tri-state condition) by clocking in a Start Bit.
After the Start Bit is clocked in, the output will return to a tri-stated
condition. When clocked in, this Start Bit can be the first bit in a
command string, or CS can be brought low again to reset all
internal circuits. Refer
Clearing Ready Status diagram.
Related Document
Application Note: AN758 - Using Fairchild’s MICROWIRE™ EE-
PROM.


Número de pieza similar - FM93C56VMT8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM93C56V FAIRCHILD-FM93C56V Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results

Descripción similar - FM93C56VMT8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com