Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS76915-Q1 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS76915-Q1
Descripción Electrónicos  Ultralow-Power 100-mA Low-Dropout Linear Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS76915-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS76915-Q1 Datasheet HTML 1Page - Texas Instruments TPS76915-Q1 Datasheet HTML 2Page - Texas Instruments TPS76915-Q1 Datasheet HTML 3Page - Texas Instruments TPS76915-Q1 Datasheet HTML 4Page - Texas Instruments TPS76915-Q1 Datasheet HTML 5Page - Texas Instruments TPS76915-Q1 Datasheet HTML 6Page - Texas Instruments TPS76915-Q1 Datasheet HTML 7Page - Texas Instruments TPS76915-Q1 Datasheet HTML 8Page - Texas Instruments TPS76915-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TPS76901-Q1
OUT
IN
FB
GND
EN
VREF
TPS769xx-Q1
OUT
IN
GND
EN
VREF
Current Limit
/ Thermal
Protection
Current Limit
/ Thermal
Protection
TPS76901-Q1, TPS76912-Q1, TPS76915-Q1
TPS76918-Q1, TPS76925-Q1, TPS76927-Q1
TPS76928-Q1, TPS76930-Q1, TPS76933-Q1, TPS76950-Q1
SGLS118C – DECEMBER 2001 – REVISED JUNE 2012
www.ti.com
ORDERING INFORMATION(1)
TJ
VOLTAGE
PACKAGE(2)
ORDERABLE PART NUMBER
SYMBOL
Variable 1.2 V
PCFQ
TPS76901QDBVTQ1(3)
TPS76901QDBVRQ1(4)
to 5.5 V
1.2 V
TPS76912QDBVTQ1
TPS76912QDBVRQ1
PCGQ
1.5 V
TPS76915QDBVTQ1
TPS76915QDBVRQ1
PCHQ
1.8 V
TPS76918QDBVTQ1
TPS76918QDBVRQ1
PCIQ
2.5 V
TPS76925QDBVTQ1
TPS76925QDBVRQ1
PCJQ
–40°C to 125°C
SOT-23 (DBV)
2.7 V
TPS76927QDBVTQ1
TPS76927QDBVRQ1
PCKQ
2.8 V
TPS76928QDBVTQ1
TPS76928QDBVRQ1
PCLQ
3 V
TPS76930QDBVTQ1
TPS76930QDBVRQ1
PCMQ
3.3 V
TPS76933QDBVTQ1
TPS76933QDBVRQ1
PCNQ
5 V
TPS76950QDBVTQ1
TPS76950QDBVRQ1
PCOQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The DBVT indicates a tape and reel of 250 parts.
(4)
The DBVR indicates a tape and reel of 3000 parts.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2001–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS76901-Q1 TPS76912-Q1 TPS76915-Q1 TPS76918-Q1 TPS76925-Q1 TPS76927-Q1
TPS76928-Q1 TPS76930-Q1 TPS76933-Q1 TPS76950-Q1


Número de pieza similar - TPS76915-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76915-Q1 TI-TPS76915-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
More results

Descripción similar - TPS76915-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901-HT TI1-TPS76901-HT Datasheet
580Kb / 21P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com