Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM93CS56LVMT8 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FM93CS56LVMT8
Descripción Electrónicos  (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93CS56LVMT8 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM93CS56LVMT8 Datasheet HTML 1Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 2Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 3Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 4Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 5Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 6Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 7Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 8Page - Fairchild Semiconductor FM93CS56LVMT8 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.fairchildsemi.com
FM93CS56 Rev. C.1
Connection Diagram
Dual-In-Line Package (N)
8–Pin SO (M8) and 8–Pin TSSOP (MT8)
Top View
Package Number
N08E, M08A and MTC08
Pin Names
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
PE
Program Enable
PRE
Protect Register Enable
V
CC
Power Supply
Ordering Information
FM
93
CS
XX
LZ
E
XXX
Letter
Description
Package
N
8-pin DIP
M8
8-pin SO
MT8
8-pin TSSOP
Temp. Range
None
0 to 70
°C
V
-40 to +125
°C
E
-40 to +85
°C
Voltage Operating Range
Blank
4.5V to 5.5V
L
2.7V to 5.5V
LZ
2.7V to 5.5V and
<1
µA Standby Current
Density
56
2048 bits
C
CMOS
CS
Data protect and sequential
read
Interface
93
MICROWIRE
Fairchild Memory Prefix
VCC
PE
GND
CS
SK
DI
DO
1
2
3
4
8
7
6
5
PRE


Número de pieza similar - FM93CS56LVMT8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06E FAIRCHILD-FM93CS06E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06V FAIRCHILD-FM93CS06V Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46E FAIRCHILD-FM93CS46E Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
More results

Descripción similar - FM93CS56LVMT8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
NM93CS56 FAIRCHILD-NM93CS56 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS06 FAIRCHILD-FM93CS06 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS66 FAIRCHILD-FM93CS66 Datasheet
171Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
FM93CS46 FAIRCHILD-FM93CS46 Datasheet
172Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS46 FAIRCHILD-NM93CS46 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 1024-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06 FAIRCHILD-NM93CS06 Datasheet
164Kb / 16P
   (MICROWIRE??Bus Interface) 256-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS66 FAIRCHILD-NM93CS66 Datasheet
163Kb / 16P
   (MICROWIRE??Bus Interface) 4096-Bit Serial EEPROM with Data Protect and Sequential Read
logo
National Semiconductor ...
NM93CS06 NSC-NM93CS06 Datasheet
201Kb / 14P
   (MICROWIRETM Bus Interface) 256-/1024-/2048-/4096-Bit Serial EEPROM with Data Protect and Sequential Read
NM93CS06L NSC-NM93CS06L Datasheet
185Kb / 14P
   256-/1024-/2048-/4096-Bit Serial EEPROM with Extended Voltage (2.7V to 5.5V) and Data Protect (MICROWIRE-TM Bus Interface)
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com