Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA10324AFV-E2 Datasheet(PDF) 8 Page - Rohm

No. de pieza BA10324AFV-E2
Descripción Electrónicos  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA10324AFV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BA10324AFV-E2 Datasheet HTML 4Page - Rohm BA10324AFV-E2 Datasheet HTML 5Page - Rohm BA10324AFV-E2 Datasheet HTML 6Page - Rohm BA10324AFV-E2 Datasheet HTML 7Page - Rohm BA10324AFV-E2 Datasheet HTML 8Page - Rohm BA10324AFV-E2 Datasheet HTML 9Page - Rohm BA10324AFV-E2 Datasheet HTML 10Page - Rohm BA10324AFV-E2 Datasheet HTML 11Page - Rohm BA10324AFV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
8/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
3V
32V
5V
BA10358 family
0
10
20
30
40
50
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
85℃
-40℃
25℃
BA10358 family
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
3V
5V
32V
BA10358 family
Fig. 13
Fig. 14
Fig. 15
Input Offset Current - Supply Voltage
(Vicm=0[V],VOUT=1.4[V])
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], VOUT=1.4[V])
Input Bias Current - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Input Bias Current - Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
Input Bias Current - Ambient Temperature
(VCC=30[V],Vicm=28[V],VOUT=1.4[V])
Input Offset Voltage - Common Mode Input Voltage
(VCC=5[V])
Input Offset Current - Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
Large Signal Voltage Gain - Supply Voltage
(RL=2[k
Ω])
Large Signal Voltage Gain - Ambient Temperature
(RL=2[k
Ω])
Common Mode Rejection Ratio
- Supply Voltage
Common Mode Rejection Ratio
- Ambient Temperature
Power Supply Rejection Ratio
- Ambient Temperature
40
60
80
100
120
140
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
-40℃
85℃
25℃
BA10358 family
5V
3V
32V
BA10358 family
BA10358 family
Fig. 16
Fig. 17
Fig. 18
Fig. 19
Fig. 20
Fig. 21
Fig. 22
Fig. 23
Fig. 24
-8
-6
-4
-2
0
2
4
6
8
-1
012
345
COMMON MODE INPUT VOLTAGE [V]
-10
-5
0
5
10
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
BA10358 family
-40℃
25℃
85℃
BA10358 family
BA10358 family
○BA10358 family
-10
-5
0
5
10
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
3V
32V
5V
BA10358 family
60
70
80
90
100
110
120
130
140
2
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE[V]
-40℃
85℃
25℃
BA10358 family
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
15V
5V
BA10358 family
   
   


Número de pieza similar - BA10324AFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results

Descripción similar - BA10324AFV-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com