Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA30BC0WFP-E2 Datasheet(PDF) 11 Page - Rohm

No. de pieza BA30BC0WFP-E2
Descripción Electrónicos  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA30BC0WFP-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BA30BC0WFP-E2 Datasheet HTML 7Page - Rohm BA30BC0WFP-E2 Datasheet HTML 8Page - Rohm BA30BC0WFP-E2 Datasheet HTML 9Page - Rohm BA30BC0WFP-E2 Datasheet HTML 10Page - Rohm BA30BC0WFP-E2 Datasheet HTML 11Page - Rohm BA30BC0WFP-E2 Datasheet HTML 12Page - Rohm BA30BC0WFP-E2 Datasheet HTML 13Page - Rohm BA30BC0WFP-E2 Datasheet HTML 14Page - Rohm BA30BC0WFP-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/16
BAxxBC0 Series
BAxxBC0W Series
BA00BC0WCP-V5
Datasheet
TSZ02201-0R6R0A600120-1-2
TSZ22111・15・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
Fig.23 Bypass Diode
Fig.24 Example of Simple Bipolar IC Architecture
Status of this document
The Japanese version of this document is formal specification. A customer may use this translation version only for a reference
to help reading the formal version.
If there are any differences in translation version of this document formal version takes priority.
GND
P 基板
N
P
N
N
P
P
(端子 A)
抵抗
GND
N
P
P
(端子 B)
トランジスタ(NPN)
B
N
E
C
GND
P 基板
寄生素子
Transistor (NPN)
Resistor
(PIN A)
P substrate
Parasitic elements
(PIN B)
N
P
N
(PINA)
GND
Parasitic elements
GND
(PINB)
B
C
E
Parasitic elements or
transistors
P substrate
Parasitic elements
VCC
Output pin
Diode for preventing back current flow
Bypass Diode


Número de pieza similar - BA30BC0WFP-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA30BC0WFP-E2 ROHM-BA30BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Descripción similar - BA30BC0WFP-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com