Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HLMP-EL3B-WXKDD Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HLMP-EL3B-WXKDD
Descripción Electrónicos  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL3B-WXKDD Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EL3B-WXKDD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL3B-WXKDD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Figure 1. Relative Intensity vs Peak Wavelength
Figure 2. Forward Current vs Forward Voltage
Figure 3. Relative Luminous Intensity vs Forward Current
Figure 4. Maximum Forward Current vs Ambient Temperature
Figure 5.Radiation Pattern for 15° Viewing Angle Lamp
Figure 6. Radiation Pattern for 23° Viewing Angle Lamp
0.0
0.2
0.4
0.6
0.8
1.0
500
550
600
650
700
WAVELENGTH - nm
Red
Amber
0
20
40
60
80
100
0
1
2
3
FORWARD VOLTAGE-V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
20
40
60
80
100
DC FORWARD CURRENT - mA
0
10
20
30
40
50
60
0
20
40
60
80
100
TA - AMBIENT TEMPERATURE - -C
0.0
0.2
0.4
0.6
0.8
1.0
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT-DEGREE
0.0
0.2
0.4
0.6
0.8
1.0
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT-DEGREE


Número de pieza similar - HLMP-EL3B-WXKDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL3B-WXKDV AVAGO-HLMP-EL3B-WXKDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
More results

Descripción similar - HLMP-EL3B-WXKDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com