Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU52012HFV Datasheet(PDF) 9 Page - Rohm

No. de pieza BU52012HFV
Descripción Electrónicos  Unipolar Detection Hall ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU52012HFV Datasheet(HTML) 9 Page - Rohm

Back Button BU52012HFV Datasheet HTML 5Page - Rohm BU52012HFV Datasheet HTML 6Page - Rohm BU52012HFV Datasheet HTML 7Page - Rohm BU52012HFV Datasheet HTML 8Page - Rohm BU52012HFV Datasheet HTML 9Page - Rohm BU52012HFV Datasheet HTML 10Page - Rohm BU52012HFV Datasheet HTML 11Page - Rohm BU52012HFV Datasheet HTML 12Page - Rohm BU52012HFV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
BU52002GUL,BU52003GUL,BU52012NVX,BU52012HFV,BU52013HFV
Technical Note
9/19
www.rohm.com
2010.08 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BU52012NVX (VDD=1.65~3.6V type)
BU52012HFV (VDD=1.65~3.3V type)
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
Bop S
Brp S
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
Bop S
Brp S
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
Fig.18 Bop,Brp – Ambient temperature
Fig.19 Bop,Brp – Supply voltage
Fig.22 IDD – Ambient temperature
Fig.23 IDD – Supply voltage
Fig.20 TP – Ambient temperature
Fig.21 TP – Supply voltage
0
10
20
30
40
50
60
70
80
90
100
1.41.8
2.22.6
3.03.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
Fig.24 Bop,Brp – Ambient temperature
Fig.25 Bop,Brp – Supply voltage
Fig.28 IDD – Ambient temperature
Fig.29 IDD – Supply voltage
Fig.26 TP – Ambient temperature
Fig.27 TP – Supply voltage
0
10
20
30
40
50
60
70
80
90
100
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
0
10
20
30
40
50
60
70
80
90
100
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
-60 -40 -20 0 20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
Bop S
Brp S
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C
Bop S
Brp S
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-60 -40 -20 0
20 40 60 80 100
AMBIENT TEMPERATURE [℃]
VDD=1.8V
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
1.4
1.8
2.2
2.6
3.0
3.4
3.8
SUPPLY VOLTAGE [V]
Ta = 25°C


Número de pieza similar - BU52012HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52012HFV ROHM-BU52012HFV Datasheet
186Kb / 6P
   Hall effect Switch
BU52012HFV ROHM-BU52012HFV Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52012HFV ROHM-BU52012HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012HFV ROHM-BU52012HFV Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results

Descripción similar - BU52012HFV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52002GUL ROHM-BU52002GUL_10 Datasheet
389Kb / 14P
   Unipolar Detection Hall ICs
BU52002GUL_1008 ROHM-BU52002GUL_1008 Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52012NVX-TR ROHM-BU52012NVX-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
BU52069GWZ ROHM-BU52069GWZ Datasheet
1Mb / 19P
   Unipolar Detection Hall IC
BU52011HFV-TR ROHM-BU52011HFV-TR Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
   UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
   UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com