Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLF12575 Datasheet(PDF) 1 Page - TDK Electronics

No. de pieza SLF12575
Descripción Electrónicos  For Power Line SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics

SLF12575 Datasheet(HTML) 1 Page - TDK Electronics

  SLF12575 Datasheet HTML 1Page - TDK Electronics SLF12575 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
531_SLF6028
(1/2)
Inductors
SLF Series SLF6028 Type
For Power Line
SMD
FEATURES
• The SLF series are characterized by low profile, low DC
resistance, and high current handling capacities.
• Because they are magnetically shielded, these parts can be
used in high-density mounting configurations.
• Flat bottom surface ensures secure, reliable mounting.
• Provided in embossed carrier tape packaging for use with
automatic mounting machines.
APPLICATIONS
Portable telephones, personal computers, hard disk drives, and
other electronic equipment.
SPECIFICATIONS
RECOMMENDED REFLOW SOLDERING CONDITIONS
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W×T
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
(6) Rated current
(7) TDK internal code
(Some products may not have this number. See the main body
for details.)
PACKAGING STYLE AND QUANTITIES
Type
Operating temperature
range
[Including self-temperature rise]
Storage temperature
range
[Unit of products]
SLF6025
–20 to +85°C
–40 to +85°C
SLF6028
–20 to +85°C
–40 to +85°C
SLF7028
–20 to +85°C
–40 to +85°C
SLF7030
–20 to +85°C
–40 to +85°C
SLF7032
–20 to +85°C
–40 to +85°C
SLF7045
–20 to +85°C
–40 to +85°C
SLF10145
–20 to +90°C
–40 to +90°C
SLF12555
–20 to +90°C
–40 to +90°C
SLF12565
–20 to +105°C
–40 to +105°C
SLF12575
–20 to +105°C
–40 to +105°C
40s
60 to 120s
Preheating
5s
Natural
cooling
240
±5°C
220
±5°C
150°C
130°C
Time(s)
6025
6.0
×6.0×2.5mm
6028
6.0
×6.0×2.8mm
7028
7.0
×7.0×2.8mm
7030
7.0
×7.0×3.0mm
7032
7.0
×7.0×3.2mm
7045
7.0
×7.0×4.5mm
10145
10.1
×10.1×4.5mm
12555
12.5
×12.5×5.5mm
12565
12.5
×12.5×6.5mm
12575
12.5
×12.5×7.5mm
T
Taping(reel)
3R3
3.3
µH
100
10
µH
M
±20%
N
±30%
1R9
1.9A
R96
0.96A
Packaging style
Type
Quantity
Taping
SLF6025T
1000 pieces/reel
SLF6028T
1000 pieces/reel
SLF7028T
1000 pieces/reel
SLF7030T
1000 pieces/reel
SLF7032T
1000 pieces/reel
SLF7045T
1000 pieces/reel
SLF10145T
500 pieces/reel
SLF12555T
500 pieces/reel
SLF12565T
500 pieces/reel
SLF12575T
500 pieces/reel
SLF 7032 T- 220 M R96 -2
(1)
(2)
(3) (4)
(5) (6)
(7)


Número de pieza similar - SLF12575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
SLF12575 TDK-SLF12575 Datasheet
7Mb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF12575 TDK-SLF12575 Datasheet
817Kb / 49P
   Inductors for Power Circuits Wound Ferrite SLFseries
SLF12575 TDK-SLF12575 Datasheet
55Kb / 2P
   The SLF series are characterized by low profile, low DC resistance, and high current handling capacities.
More results

Descripción similar - SLF12575

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
NLCV25 TDK-NLCV25 Datasheet
52Kb / 2P
   For Power Line SMD
NLC4532 TDK-NLC4532 Datasheet
47Kb / 3P
   For Power Line SMD
NLFC4532 TDK-NLFC4532 Datasheet
64Kb / 2P
   For Power Line SMD
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
   Inductors For Power Line SMD
logo
TDK Electronics
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com