Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DLP11SN121SL2B Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

No. de Pieza. DLP11SN121SL2B
Descripción  Common Mode Choke Coil Film Type DLP11S/DLP11T Series (0504 Size)
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo 

DLP11SN121SL2B Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design.
2011.5.12
Frequency (MHz)
1
10
100
1000
1
10
100
1000
10000
Common Mode
Differential Mode
DLP11TB800UL2
DLP11TB800UL2
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP11SN900HL2
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP11SA900HL2
Frequency (MHz)
10
8
6
4
2
0
1
10
100
1000
10000
DLP11TB800UL2
Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Film Type
I Impedance-Frequency Characteristics (Main Items)
DLP11TB Series
I Differential Mode Transmission Characteristics (Typ.)
DLP11SN Series
I Differential Mode Transmission Characteristics (Typ.)
DLP11SA Series
I Differential Mode Transmission Characteristics (Typ.)
DLP11TB Series
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
5000(DLP11T), 3000(DLP11S)
B
Bulk(Bag)
500
Continued on the following page.


Html Pages

1  2  3 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn