Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BTN251SQ2K Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BTN251SQ2K Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd. |
2 / 2 page 2 Data Sheet !Note: 1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. http://www.murata.com/ 2 Noise Suppression Products/EMI Suppression Filters > Common Mode Choke Coil > Wire Wound Type for Large Current 2012.3.1 oThis data sheet is applied for CHIP COMMON MODE CHOKE COIL used for General Electronics equipment for your design. Continued from the preceding page. c Derating of Rated Current Derating of Rated Current In operating temperature exceeding +60°C, derating of current is necessary for the following part name of DLW5BT series. Please apply the derating curve shown in chart according to the operating temperature. Operating Temperature (°C) 0 1000 2000 3000 4000 5000 6000 7000 0 20406080 100 65 4750 3400 85 DLW5BTN101SQ2 DLW5BTN251SQ2 DLW5BTN501SQ2 c !Caution/Notice !Caution (Rating) Do not use products beyond the rated current and rated voltage as this may create excessive heat and deteriorate the insulation resistance. Notice Solderability of Tin plating termination chip might be deteriorated when low temperature soldering profile where peak solder temperature is below the Tin melting point is used. Please confirm the solderability of Tin plating termination chip before use. |
Número de pieza similar - DLW5BTN251SQ2K |
|
Descripción similar - DLW5BTN251SQ2K |