Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CSTCG_V Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
CSTCG_V Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 45 page Ceramic Resonators (CERALOCK r) MHz Chip Type -Tight Frequency Tolerance for Automotive- Chip type CERALOCK(R) with built-in load capacitors provides high accuracy in an extremely small package. MURATA's frequency adjustment and package technology expertise has enabled the development of the chip CERALOCK(R) with built-in load capacitors. This diverse series owes its development to MURATA's original mass production techniques and high reliability, and has achieved importance in the worldwide automotive market. c Features 1. The series are high accuracy resonators whose total tolerance is available for less than ±3,000ppm. 2. The series has high reliability and is available for a wide temperature range. 3. Oscillation circuits do not require external load capacitors. 4. The series is available for a wide frequency range. 5. The resonators are extremely small and have a low profile. 6. No adjustment is necessary for oscillation circuits. c Applications 1. Cluster panel and Control panel 2. Safety control (Anti-lock Brake System, Electronic Stability Control, Airbag, etc.) 3. Engine ECU, Electronic Power Steering, Immobilizer, etc. 4. Car Air conditioner, Power Window, Remote Keyless Entry system, etc. 5. Intelligent Transportation System (Lane Keeping System, Millimeter wave radar, etc.) 6. Battery control for hybrid cars 4.5±0.1 4.1 max. 0.4 (ref.) 0.4±0.1 0.4±0.1 0.4±0.1 (3) (2) (1) 0.6±0.05 0.75±0.1 1.5±0.1 1.5±0.1 0.4 (ref.) 0.4 (ref.) 0.2±0.2 ∗: EIAJ Monthly Code (in mm) ∗ CSTCR_G15C 4.00-7.99MHz 3.2±0.15 0.50 (ref.) 0.50 (ref.) 0.50 (ref.) 3.0 max. 0.4±0.1 0.4±0.1 1.2±0.1 1.2±0.1 (1) (2) (3) 0.1±0.1 0.4±0.1 0.4±0.1 0.4±0.1 (in mm) ∗ ∗: EIAJ Monthly Code CSTCE_G15C 8.00-13.99MHz 3.2±0.15 0.1±0.1 0.4±0.1 0.5 (ref.) 0.5 (ref.) 3.0 max. 0.4±0.1 (1) (2) (3) 0.4±0.1 1.2±0.1 1.2±0.1 0.4±0.1 0.4±0.1 0.5 (ref.) (in mm) ∗: EIAJ Monthly Code ∗ CSTCE_V13C 14.00-20.00MHz Part Number Oscillating Frequency (MHz) Initial Tolerance Temperature Stability (%) Temperature Range (°C) CSTCR_G15C 4.00 to 7.99 ±0.1% ±0.13 -40 to 125 CSTCE_G15C 8.00 to 13.99 ±0.1% ±0.13 -40 to 125 CSTCE_V13C 14.00 to 20.00 ±0.1% ±0.13 -40 to 125 Irregular or stopped oscillation may occur under unmatched circuit conditions. Please check the actual conditions prior to use. P16E.pdf Nov.22,2012 4 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 |
Número de pieza similar - CSTCG_V |
|
Descripción similar - CSTCG_V |