Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM2575-ATB5T Datasheet(PDF) 3 Page - First Components International |
|
LM2575-ATB5T Datasheet(HTML) 3 Page - First Components International |
3 / 10 page ABSOLUTE MAXIMUM RATINGS 1 + 5 3 4 2 1.23V Band-Gap Reference 52kHz Oscillator Reset Thermal Shutdown Current Limit Feed- back VIN + - + - Fixed Gain Error AMP Comparator Driver 1 AMP Switch Internal Regulator ON/OFF ON/OFF Output L1 D1 GND C out + L O A D BLOCK DIAGRAM Unregulated DC Input C IN V Output Voltage to Ground (Steady State) Power Dissipation Storage Temperature Range Maximum Junction Temperature Lead Temperature (Soldering, 10 sec.) °C °C °C Maximum Supply Voltage VALUE UNIT ON/OFF Pin Input Voltage 45 -0.3 V V IN Internally Limited -65 to + 150 +150 +260 -1.0 V V - R2 1.0K R1 VOUT VOUT 3.3V, R2 = 1.7K 5V, R2 = 3.1K 12V, R2 = 8.84K 15V, R2 = 11.3K For ADJ. Version R1 = Open, R2 = 0W RECOMMENDED OPERATING CONDITIONS Temperature Range VALUE UNIT Supply Voltage 40 V -40 TJ 125 °C PARAMETER PARAMETER LM2575 1.0A Step - Down Voltage Switching Regulators |
Número de pieza similar - LM2575-ATB5T |
|
Descripción similar - LM2575-ATB5T |