Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS65130RGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS65130RGER
Descripción Electrónicos  POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65130RGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65130RGER Datasheet HTML 2Page - Texas Instruments TPS65130RGER Datasheet HTML 3Page - Texas Instruments TPS65130RGER Datasheet HTML 4Page - Texas Instruments TPS65130RGER Datasheet HTML 5Page - Texas Instruments TPS65130RGER Datasheet HTML 6Page - Texas Instruments TPS65130RGER Datasheet HTML 7Page - Texas Instruments TPS65130RGER Datasheet HTML 8Page - Texas Instruments TPS65130RGER Datasheet HTML 9Page - Texas Instruments TPS65130RGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
VPOS
VNEG
Q1
L1
D1
C1
4.7 mF
U1
C2
4.7 mF
C3
0.1 mF
VPOS
FBP
VREF
FBN
VNEG
OUTN
CP
CN
PGND
INP
BSW
INN
VIN
ENP
PSP
ENN
PSN
GND
TPS65130
R1
R2
C4
4x4.7 mF
R4
R3
D2
C8
0.22 mF
L2
4.7 mH
C7
C6
R7
4.7 mH
R8
C9
R9
C10
VIN
C5
4x4.7 mF
PERFORMANCE GRAPHS
TPS65130, TPS65131
SLVS493B – MARCH 2004 – REVISED SEPTEMBER 2004
List of Components
REFERENCE
DESCRIPTION
C1, C2
X7R/X5R ceramic
C4, C5
4x4.7 µF X7R/X5R ceramic
D1, D2
MBRM120
Wurth Elektronik 7447789004
L1, L2
(TPS65130), EPCOS B82462-G4472
(TPS65131)
Table of Graphs
GRAPH
DESCRIPTION
Figure 1
TPS65130 maximum output current versus input voltage, VPOS = 12 V, 8 V, 5 V
Figure 2
TPS65131 maximum output current versus input voltage, VPOS = 15 V, 10 V, 5 V
Figure 3
TPS65130 maximum output current versus input voltage, VNEG = –4 V, –8 V, –10 V
Figure 4
TPS65131 maximum output current versus input voltage, VNEG = –4 V, –10 V, –15 V
Figure 5
TPS65130 efficiency versus output current, VPOS= 5 V
Figure 6
TPS65131 efficiency versus output current, VPOS= 5 V
Figure 7
TPS65130 efficiency versus output current, VPOS= 8 V
Figure 8
TPS65131 efficiency versus output current, VPOS= 10 V
Figure 9
TPS65130 efficiency versus output current, VPOS= 12 V
Figure 10
TPS65131 efficiency versus output current, VPOS= 15 V
Figure 11
TPS65130 efficiency versus output current, VNEG= –4 V, (VIN = 4 V, 3 V)
Figure 12
TPS65131 efficiency versus output current, VNEG= –4 V, (VIN = 5 V, 3 V)
Figure 13
TPS65130 efficiency versus output current, VNEG= –8 V, (VIN = 4.2 V, 3 V)
Figure 14
TPS65131 efficiency versus output current, VNEG= –10 V, (VIN = 5 V, 3 V)
Figure 15
TPS65130 efficiency versus output current, VNEG= –10 V, (VIN = 4.2 V, 3 V)
6


Número de pieza similar - TPS65130RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
More results

Descripción similar - TPS65130RGER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
MAX685 MAXIM-MAX685 Datasheet
141Kb / 12P
   Dual-Output Positive and Negative, DC-DC Converter for CCD and LCD
Rev 0; 4/98
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
logo
Linear Technology
LT1945 LINER-LT1945 Datasheet
142Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com