Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54314PWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54314PWPR
Descripción Electrónicos  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54314PWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54314PWPR Datasheet HTML 7Page - Texas Instruments TPS54314PWPR Datasheet HTML 8Page - Texas Instruments TPS54314PWPR Datasheet HTML 9Page - Texas Instruments TPS54314PWPR Datasheet HTML 10Page - Texas Instruments TPS54314PWPR Datasheet HTML 11Page - Texas Instruments TPS54314PWPR Datasheet HTML 12Page - Texas Instruments TPS54314PWPR Datasheet HTML 13Page - Texas Instruments TPS54314PWPR Datasheet HTML 14Page - Texas Instruments TPS54314PWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS54311, TPS54312
TPS54313, TPS54314
TPS54315, TPS54316
SLVS416B − FEBRUARY 2002 − REVISED APRIL 2005
www.ti.com
11
PERFORMANCE GRAPHS
50
60
70
80
90
100
01
2
3
4
5
Load Current − A
EFFICIENCY
vs
LOAD CURRENT
3.3 VI
5 VI
Efficiency at 700 kHz
Figure 13
Figure 14
1.7
1.75
1.8
1.85
1.9
01
23
4
5
IL − Load Current − A
OUTPUT VOLTAGE
vs
LOAD CURRENT
3.3 VI
5 VI
−30
−15
0
30
45
60
100
1 k
10 k
100 k
1 M
−90
−45
0
45
90
180
f − Frequency − Hz
LOOP RESPONSE
Gain
Phase
15
135
Figure 15
VO (AC)
10 mV/div
VI = 5 V
IO = 3 A
400 ns/div
OUTPUT RIPPLE VOLTAGE
Time − 100 µs/div
Figure 16
Figure 17
Figure 18
VO 50 mV/div
LOAD TRANSIENT RESPONSE
IO 2 A/div
Time − 10 µs/div
VI 2 V/div
VO 2 V/div
VPWRGD 5 V/div
START-UP WAVEFORMS
Time − 2 ms/div
VI = 5 V
75
55
35
01
2
85
95
AMBIENT TEMPERATURE
vs
LOAD CURRENT
125
34
115
45
25
65
105
IL − Load Current − A
Safe Operating Area
Safe operating area is applicable to the test
board conditions listed in the Dissipation Rating
Table section of this data sheet.
Figure 19


Número de pieza similar - TPS54314PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results

Descripción similar - TPS54314PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com