Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS2041DG4 Datasheet(PDF) 8 Page - Texas Instruments |
|
TPS2041DG4 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 25 page TPS2041, TPS2051 POWER-DISTRIBUTION SWITCHES SLVS172A –AUGUST 1998 – REVISED APRIL 1999 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION Figure 4. Turnon Delay and Rise Time with 1- µF Load Figure 5. Turnoff Delay and Fall Time with 1- µF Load 012 3 4 5 6 t – Time – ms 78 9 10 VI(EN) (5 V/div) VO(OUT) (2 V/div) VI(IN) = 5 V TA = 25°C CL = 1 µF RL = 10 Ω 0 2 4 6 8 10 12 t – Time – ms 14 16 18 20 VI(IN) = 5 V TA = 25°C CL = 1 µF RL = 10 Ω VI(EN) (5 V/div) VO(OUT) (2 V/div) Figure 6. TPS2041, Short-Circuit Current, Device Enabled into Short 01 2 3 4 5 6 t – Time – ms 78 9 10 IO(OUT) (0.2 A/div) VI(IN) = 5 V TA = 25°C VI(EN) (5 V/div) Figure 7. TPS2041, Threshold Trip Current with Ramped Load on Enabled Device 0 10 20 3040 5060 t – Time – ms 70 80 90 100 IO(OUT) (0.5 A/div) VI(IN) = 5 V TA = 25°C VO(OUT) (2 V/div) |
Número de pieza similar - TPS2041DG4 |
|
Descripción similar - TPS2041DG4 |