Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP75AID Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP75AID
Descripción Electrónicos  Digital Temperature Sensor with Two-Wire Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP75AID Datasheet(HTML) 4 Page - Texas Instruments

  TMP75AID Datasheet HTML 1Page - Texas Instruments TMP75AID Datasheet HTML 2Page - Texas Instruments TMP75AID Datasheet HTML 3Page - Texas Instruments TMP75AID Datasheet HTML 4Page - Texas Instruments TMP75AID Datasheet HTML 5Page - Texas Instruments TMP75AID Datasheet HTML 6Page - Texas Instruments TMP75AID Datasheet HTML 7Page - Texas Instruments TMP75AID Datasheet HTML 8Page - Texas Instruments TMP75AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TMP175
TMP75
SBOS288J − JANUARY 2004 − REVISED DECEMBER 2007
www.ti.com
4
TYPICAL CHARACTERISTICS
At TA = +25°C and V+ = 5.0V, unless otherwise noted.
85
75
65
55
45
35
25
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
45
65
85
105
125 130
Serial Bus Inactive
V+=5V
V+ = 2.7V
300
250
200
150
100
CONVERSION TIME vs TEMPERATURE
Temperature (
_C)
12−bit resolution.
−55 −35 −15
5
25
45
65
85
105
125 130
V+=5V
V+ = 2.7V
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
SHUTDOWN CURRENT vs TEMPERATURE
Temperature (
_C)
−55 −35 −15
5
25
45
65
85
105
125 130
2.0
1.5
1.0
0.5
0.0
−0.5
−1.0
−1.5
−2.0
TEMPERATURE ACCURACY vs TEMPERATURE
3 typical units 12−bit resolution.
Temperature (
_C)
−55 −35 −15
5
25456585
105
125 130
500
450
400
350
300
250
200
150
100
50
0
QUIESCENT CURRENT WITH
BUS ACTIVITY vs TEMPERATURE
Frequency (Hz)
1k
10k
100k
1M
10M
125
_C
25
_C
−55_C
Hs MODE
FAST MODE


Número de pieza similar - TMP75AID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP75AID TI-TMP75AID Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP75AIDGKR UMW-TMP75AIDGKR Datasheet
724Kb / 15P
   1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDR TI-TMP75AIDR Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Guangdong Youtai Semico...
TMP75AIDR UMW-TMP75AIDR Datasheet
724Kb / 15P
   1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
More results

Descripción similar - TMP75AID

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com