Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG211AKNZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADG211AKNZ
Descripción Electrónicos  LC2MOS Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG211AKNZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG211AKNZ Datasheet HTML 3Page - Analog Devices ADG211AKNZ Datasheet HTML 4Page - Analog Devices ADG211AKNZ Datasheet HTML 5Page - Analog Devices ADG211AKNZ Datasheet HTML 6Page - Analog Devices ADG211AKNZ Datasheet HTML 7Page - Analog Devices ADG211AKNZ Datasheet HTML 8Page - Analog Devices ADG211AKNZ Datasheet HTML 9Page - Analog Devices ADG211AKNZ Datasheet HTML 10Page - Analog Devices ADG211AKNZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADG211A/ADG212A
Rev. C | Page 7 of 16
Figure 11. tON vs. Supply Voltage (Dual Supply)
Figure 12. tOFF vs. Supply Voltage (Dual Supply)
Figure 13. Off Isolation and Channel-to-Channel Crosstalk vs. Supply Voltage
Figure 14. tON vs. Supply Voltage (Single Supply)
Figure 15. tOFF vs. Supply Voltage (Single Supply)
Figure 16. Charge Injection vs. Source Voltage (VS) for Dual and Single 15 V
Supplies
220
80
100
120
140
160
180
200
10
11
12
13
14
15
SUPPLY VOLTAGE (±V)
70°C
25°C
0°C
80
60
40
20
0
10
11
12
13
14
15
SUPPLY VOLTAGE (±V)
70°C
25°C
0°C
50
60
70
80
90
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
SINGLE SUPPLY
DUAL SUPPLY
220
80
100
120
140
160
180
200
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
70°C
25°C
0°C
80
60
40
20
0
10
11
12
13
14
15
SUPPLY VOLTAGE (V)
70°C
25°C
0°C
60
40
20
0
–20
–40
–16
–12
–8
–4
0
4
8
12
16
VS (V)
VDD = +15V
VSS = –15V
VDD = +15V
VSS = 0V


Número de pieza similar - ADG211AKNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
More results

Descripción similar - ADG211AKNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG441 AD-ADG441 Datasheet
323Kb / 9P
   LC2MOS Quad SPST Switches
REV. 0
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG221 AD-ADG221 Datasheet
230Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. B
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com