Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2940CS-15 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM2940CS-15
Descripción Electrónicos  LM2940-N/LM2940C 1A Low Dropout Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940CS-15 Datasheet(HTML) 1 Page - Texas Instruments

  LM2940CS-15 Datasheet HTML 1Page - Texas Instruments LM2940CS-15 Datasheet HTML 2Page - Texas Instruments LM2940CS-15 Datasheet HTML 3Page - Texas Instruments LM2940CS-15 Datasheet HTML 4Page - Texas Instruments LM2940CS-15 Datasheet HTML 5Page - Texas Instruments LM2940CS-15 Datasheet HTML 6Page - Texas Instruments LM2940CS-15 Datasheet HTML 7Page - Texas Instruments LM2940CS-15 Datasheet HTML 8Page - Texas Instruments LM2940CS-15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM2940-N, LM2940C
www.ti.com
SNVS769I – MARCH 2000 – REVISED APRIL 2013
LM2940-N/LM2940C 1A Low Dropout Regulator
Check for Samples: LM2940-N, LM2940C
1
FEATURES
DESCRIPTION
The LM2940-N/LM2940C positive voltage regulator
2
Dropout Voltage Typically 0.5V @IO = 1A
features the ability to source 1A of output current with
Output Current in Excess of 1A
a dropout voltage of typically 0.5V and a maximum of
Output Voltage Trimmed Before Assembly
1V over the entire temperature range. Furthermore, a
quiescent current reduction circuit has been included
Reverse Battery Protection
which
reduces
the
ground
current
when
the
Internal Short Circuit Current Limit
differential between the input voltage and the output
Mirror Image Insertion Protection
voltage exceeds approximately 3V. The quiescent
current with 1A of output current and an input-output
P+ Product Enhancement Tested
differential of 5V is therefore only 30 mA. Higher
quiescent currents only exist when the regulator is in
the dropout mode (VIN − VOUT ≤ 3V).
Designed also for vehicular applications, the LM2940-
N/LM2940C and all regulated circuitry are protected
from reverse battery installations or 2-battery jumps.
During line transients, such as load dump when the
input voltage can momentarily exceed the specified
maximum
operating
voltage,
the
regulator
will
automatically shut down to protect both the internal
circuits and the load. The LM2940/LM2940C cannot
be harmed by temporary mirror-image insertion.
Familiar regulator features such as short circuit and
thermal overload protection are also provided.
Typical Application
*Required if regulator is located far from power supply filter.
**COUT must be at least 22 μF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator and the ESR is critical; see curve.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - LM2940CS-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2940CS-15 NSC-LM2940CS-15 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940CS-15 TI1-LM2940CS-15 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940CS-15/NOPB TI1-LM2940CS-15/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

Descripción similar - LM2940CS-15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2940-N TI1-LM2940-N Datasheet
461Kb / 22P
[Old version datasheet]   LM2940/LM2940C 1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com