Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV931MFX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMV931MFX/NOPB
Descripción Electrónicos  LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMV931MFX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV931MFX/NOPB Datasheet HTML 6Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 7Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 8Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 9Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 10Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 11Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 12Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 13Page - Texas Instruments LMV931MFX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
FREQUENCY (Hz)
1000
100
10
10
100
1k
10k
100k
10
100
1k
10k
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
+PSRR
-PSRR
VS = 5V
10
100
1k
10k
FREQUENCY (Hz)
60
65
70
75
80
85
90
VS = 5V
VS = 2.7V
VS = 1.8V
LMV931-N, LMV931-N-Q1, LMV932-N, LMV932-N-Q1
LMV934-N, LMV934-N-Q1
SNOS993L – NOVEMBER 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Gain and Phase vs. Frequency
Gain and Phase vs. Frequency
Figure 7.
Figure 8.
Gain and Phase vs. Frequency
CMRR vs. Frequency
Figure 9.
Figure 10.
PSRR vs. Frequency
Input Voltage Noise vs. Frequency
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMV931-N LMV931-N-Q1 LMV932-N LMV932-N-Q1 LMV934-N LMV934-N-Q1


Número de pieza similar - LMV931MFX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV931MFX/NOPB TI-LMV931MFX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MFX/NOPB TI1-LMV931MFX/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
More results

Descripción similar - LMV931MFX/NOPB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV821-N TI1-LMV821-N Datasheet
2Mb / 37P
[Old version datasheet]   LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV324-N-Q1 TI-LMV324-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV321-N-Q1 TI-LMV321-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LMV358-N-Q1 TI-LMV358-N-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   LMV3xx-N/-Q1 Single, Dual, and Quad General Purpose, Low-Voltage, Rail-to-Rail Output Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com