Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX2541SQ3320E Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LMX2541SQ3320E
Descripción Electrónicos  LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2541SQ3320E Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMX2541SQ3320E Datasheet HTML 7Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 8Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 9Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 10Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 11Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 12Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 13Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 14Page - Texas Instruments LMX2541SQ3320E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
-130
-120
-110
-100
-90
-80
-70
-140
-160
-150
VI = 4.2 mRad
(OSCin Scaled to Freq.)
VI = 4.7 mRad
(FPD = 50 MHz)
VI = 4.4 mRad
(FPD = 100 MHz)
OFFSET (Hz)
OFFSET (Hz)
-110
-105
-100
-95
-90
-85
-80
1.E+02
1.E+03
1.E+04
1.E+05
-115
-120
1.E+06
1.E+07
Noise Floor
1/f Noise
Measured Noise
LMX2541SQ2060E, LMX2541SQ2380E
LMX2541SQ2690E, LMX2541SQ3030E
LMX2541SQ3320E, LMX2541SQ3740E
www.ti.com
SNOSB31I – JULY 2009 – REVISED FEBRUARY 2013
Typical Performance Characteristics (Not Guaranteed)
LMX2541SQ3740E Raw Phase Noise Measurement
The above plot demonstrates the PLL phase noise of the LMX2541SQ3700E operating at 3700 MHz output frequency, phase detector
frequency of 100 MHz, and charge pump gain of 32X. The loop bandwidth was made as wide as possible to fully expose the PLL phase
noise and reference source was a 100 MHz Wenzel crystal. This measurement was done in integer mode. To better understand the impact of
using fractional mode, consult the applications section.
The measured noise is the sum of the PLL 1/f noise and noise floor. At offsets below 1 kHz, the PLL 1/f noise dominates and changes at a
rate of 10 dB/decade. The noise at 1 kHz is dominated by this 1/f noise and has a value of -103 dBc/Hz. In the 100 - 200 kHz offset range,
the noise is -113.7 dBc/Hz and is dominated by the PLL noise floor. It can be shown that if the effects of the loop filter peaking and the 1/f
noise are subtracted away from this measurement, it would be about 0.6 dB better.
If the phase detector frequency is changed with the VCO frequency held constant, the PLL noise floor will change, but the 1/f noise will
remain the same. If the VCO frequency is changed, both the 1/f noise and PLL noise floor change at a rate of 20 dB/decade.
Figure 2.
LMX2541SQ2690 System Phase Noise
For this plot, a third order modulator with dithering disabled was used with a fractional denominator of 500000. The charge pump gain was
32X and the loop filter components were C1 = 2.2 nF, C2 = 22 nF, R2 = 470
Ω. The internal loop filter components were C3_LF = 20 pF,
C4_LF = 100 pF, R3_LF = 1 k
Ω, R4_LF = 200 Ω. The VCO frequency is 2720.1 MHz. The OSCin signal was a 500 MHz differential LVPECL
output of the LMK04033.
Figure 3.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMX2541SQ2060E LMX2541SQ2380E LMX2541SQ2690E LMX2541SQ3030E
LMX2541SQ3320E LMX2541SQ3740E


Número de pieza similar - LMX2541SQ3320E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX2541SQ3320E NSC-LMX2541SQ3320E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ3320E TI-LMX2541SQ3320E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ3320E TI1-LMX2541SQ3320E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ3320E/NOPB TI1-LMX2541SQ3320E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
More results

Descripción similar - LMX2541SQ3320E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX2541SQE2060E TI-LMX2541SQE2060E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com