Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74HC1G08DFT1G Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC74HC1G08DFT1G
Descripción Electrónicos  Single 2?묲nput AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC1G08DFT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC1G08DFT1G Datasheet HTML 1Page - ON Semiconductor MC74HC1G08DFT1G Datasheet HTML 2Page - ON Semiconductor MC74HC1G08DFT1G Datasheet HTML 3Page - ON Semiconductor MC74HC1G08DFT1G Datasheet HTML 4Page - ON Semiconductor MC74HC1G08DFT1G Datasheet HTML 5Page - ON Semiconductor MC74HC1G08DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74HC1G08
http://onsemi.com
4
*Includes all probe and jig capacitance.
A 1−MHz square input wave is recommended for propagation delay tests.
Figure 4. Switching Waveforms
Figure 5. Test Circuit
CL*
INPUT
VCC
OUTPUT
VCC
GND
50%
50%
INPUT
A or B
OUTPUT Y
tPHL
tPLH
90%
10%
90%
10%
tTLH
tTHL
tr
tf
ORDERING INFORMATION
Device
Package
Shipping
MC74HC1G08DFT1
SC70−5/SC−88A/SOT−353
3000 / Tape & Reel
MC74HC1G08DFT1G
SC70−5/SC−88A/SOT−353
(Pb−Free)
MC74HC1G08DFT2
SC70−5/SC−88A/SOT−353
MC74HC1G08DFT2G
SC70−5/SC−88A/SOT−353
(Pb−Free)
MC74HC1G08DTT1
SOT23−5/TSOP−5/SC59−5
MC74HC1G08DTT1G
SOT23−5/TSOP−5/SC59−5
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Número de pieza similar - MC74HC1G08DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74HC1G08DFT1G ONSEMI-MC74HC1G08DFT1G Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74HC1G08DFT1G ONSEMI-MC74HC1G08DFT1G Datasheet
291Kb / 10P
   Single 2-Input AND Gate
April, 2022 ??Rev. 19
More results

Descripción similar - MC74HC1G08DFT1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NL17SV08XV5T2 ONSEMI-NL17SV08XV5T2 Datasheet
50Kb / 5P
   Single 2?묲nput AND Gate
October, 2005 ??Rev. 4
NL17SZ08 ONSEMI-NL17SZ08_06 Datasheet
115Kb / 6P
   Single 2?묲nput AND Gate
March, 2006 ??Rev. 7
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2_05 Datasheet
122Kb / 5P
   Single Gate 2?묲nput OR Gate
September, 2005 ??Rev. 2
NL17SZ32 ONSEMI-NL17SZ32_06 Datasheet
115Kb / 6P
   Single 2?묲nput OR Gate
March, 2006 ??Rev. 6
MC74VHC1G02DTT1G ONSEMI-MC74VHC1G02DTT1G Datasheet
65Kb / 6P
   Single 2?묲nput NOR Gate
January, 2007 ??Rev. 17
NL17SZ00 ONSEMI-NL17SZ00_06 Datasheet
68Kb / 6P
   Single 2?묲nput NAND Gate
November, 2006 ??Rev. 5
NL27WZ08 ONSEMI-NL27WZ08_06 Datasheet
62Kb / 5P
   Dual 2?묲nput AND Gate
April, 2006 ??Rev. 4
MC10H104 ONSEMI-MC10H104_06 Datasheet
150Kb / 6P
   Quad 2?묲nput AND Gate
February, 2006 ??Rev. 8
MC74VHCT08A ONSEMI-MC74VHCT08A_06 Datasheet
95Kb / 6P
   Quad 2?묲nput AND Gate
March, 2006 ??Rev. 5
NLSF308 ONSEMI-NLSF308_06 Datasheet
66Kb / 5P
   Quad 2?묲nput AND Gate
May, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com