Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MS3106E14S-2S Datasheet(PDF) 54 Page - Amphenol Corporation

No. de pieza MS3106E14S-2S
Descripción Electrónicos  Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMPHENOL [Amphenol Corporation]
Página de inicio  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3106E14S-2S Datasheet(HTML) 54 Page - Amphenol Corporation

Back Button MS3106E14S-2S Datasheet HTML 50Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 51Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 52Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 53Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 54Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 55Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 56Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 57Page - Amphenol Corporation MS3106E14S-2S Datasheet HTML 58Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 73 page
background image
53
Thermocouple
contact arrangements
* Amphenol arrangement
Shell Size
and Arrg.
Similar to
MS Arrg.
Total
Contacts
Contact
Size
Pin Insert
Rotation
C W
Contact Material
12
16
28-69
28-11
22
4
18
None
G = Al.; R = Ch.; Balance = Cu.
28-70
28-11
22
4
18
None
A = Al.; B = Ch.; Balance = Cu.
28-77
28-11
22
4
18
None
J = Con.; Balance = Cu.
28-81
28-21
37
37
None
A, D, S, Z, n, s = Ir.; B, J, K, f, g, r = Con.; G, L, P, b, e, j = Al.; F, H, T, X, h, k =
Ch.; Balance = Cu.
32-51
32-8
30
6
24
90°
M = Ch.; N = Al.; Balance = Cu.
32-55
32-8
30
6
24
125°
M, N = Ch.; O, P = Al.; Balance = Cu.
36-53
36-7
47
7
40
45°
u, v, w = Al.; x, y, z = Ch.; Balance = Cu.
36-56
36-10
48
48
None
A, C, E, G, L, J, H, P, R, T, V, X Z, b, d, f, h, k, q, n, m, u, w, y = Con.;
Balance = Cu.
36-57
36-8
47
1
46
None
W = Al.; f = Ch. Balance = Cu.
36-58
36-15
35
35
None
H = Al.; G = Ch.; Balance = Cu.
36-61
36-15
35
35
None
A, C, E, J, K, L, M, N, P, R, T, V, f, X, Y, h, j, c = Con.; Balance = Cu.
36-62
36-10
48
48
None
A, C, E, = Al.; B, D, F = Ch.; Balance = Cu.
36-82
36-52*
52
52
None
v, g = Ir.; p, y, c = Con. x = Ch.; Balance = Cu.
40-58
40-56*
85
85
None
A, C, E, H, K, M, P, S, U, W, Y, a, c, f, h, j, m, p, r, t, v, x, z, AB, AD, AF, AJ, AL,
AN, AP, AS, AU, AW, AY, BA, BC, BE, BH, BK, BM, BP, BS, BU = Ir.; Balance
= Con.
40-59
40-56*
85
85
None
B = Ch.; C = Con.; Balance = Cu.
40-77
40-53*
60
60
None
55, 60 = Ir.; 57, 58, 59 = Con.; 56 = Ch.; Balance = Cu.
40-78
40-53*
60
60
None
50, 51 = Ir.; 27, 28, 29, 31, 32, 34, 36, 37 = Con.; 25, 39, 40, 41 = Al.;
43, 44, 45, 46, 47, 48, 49, 52, 53, 54 = Ch.; Balance = Cu.
44-57
44-52
104
104
None
A, C, E, G, J, L, etc. = Cu.; B, D, F, H, K, M, etc. = Con.


Número de pieza similar - MS3106E14S-2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
488Kb / 3P
   AMPHENOL CORPORATION BENDIX CONNECTOR OPERATIONS SIDNEY, N, Y,
More results

Descripción similar - MS3106E14S-2S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Amphenol Corporation
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
10-597107-171 AMPHENOL-10-597107-171 Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com