Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-181-000E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-181-000E
Descripción Electrónicos  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-181-000E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-181-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Package Outline Drawings
HCPL-181-000E
HCPL-181-060E
Solder Reflow Temperature Profile
1. One-time soldering reflow is recommended within the
condition of temperature and time profile shown at right.
2. When using another soldering method such as infrared
ray lamp, the temperature may rise partially in the mold
of the device. Keep the temperature on the package of
the device within the condition of (1) above.
Note: Non-halide flux should be used.
30 seconds
60 sec
150° C
90 sec
60 sec
60 ~ 150 sec
Time (sec)
200° C
217° C
250° C
260° C (Peak Temperature)
25° C
DIMENSIONS IN MILLIMETERS.
7.00
181
YW W
2.54
±0.25
DATE CODE
+ 0.2
– 0.7
3.70 ± 0.45
RANK
LEAD
FREE
5.30 ± 0.3
0.40 ± 0.1
2.00 ± 0.2
0.10 ± 0.1
0.2 ± 0.05
4.40 ± 0.2
DIMENSIONS IN MILLIMETERS.
3.70 ± 0.45
7.00
181 V
YW W
2.54
±0.25
DATE CODE
RANK
LEAD
FREE
+ 0.2
– 0.7
5.30 ± 0.3
0.40 ± 0.1
2.00 ± 0.2
0.10 ± 0.1
0.2 ± 0.05
4.40 ± 0.2


Número de pieza similar - HCPL-181-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-181-000E HP-HCPL-181-000E Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

Descripción similar - HCPL-181-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06AE AVAGO-HCPL-181-06AE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com