Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF7663PBF Datasheet(PDF) 5 Page - International Rectifier

No. de pieza IRF7663PBF
Descripción Electrónicos  Trench Technology, Ultra Low On-Resistance, P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF7663PBF Datasheet(HTML) 5 Page - International Rectifier

  IRF7663PBF Datasheet HTML 1Page - International Rectifier IRF7663PBF Datasheet HTML 2Page - International Rectifier IRF7663PBF Datasheet HTML 3Page - International Rectifier IRF7663PBF Datasheet HTML 4Page - International Rectifier IRF7663PBF Datasheet HTML 5Page - International Rectifier IRF7663PBF Datasheet HTML 6Page - International Rectifier IRF7663PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRF7663PbF
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10. Maximum Avalanche Energy
Vs. Drain Current
25
50
75
100
125
150
0
60
120
180
240
300
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
-1.6A
-2.9A
-3.6A
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0.0
1.5
3.0
4.5
6.0
7.5
9.0
T , Case Temperature ( C)
°
C


Número de pieza similar - IRF7663PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
   Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7663TR IRF-IRF7663TR Datasheet
82Kb / 7P
   Trench Technology
More results

Descripción similar - IRF7663PBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRLML6302PBF IRF-IRLML6302PBF_07 Datasheet
285Kb / 8P
   technology, Ultra Low On-Resistance, P-Channel MOSFET
IRF7328PBF IRF-IRF7328PBF_10 Datasheet
175Kb / 8P
   Trench Technology Ultra Low On-Resistance
IRF5800 IRF-IRF5800_03 Datasheet
114Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET
logo
Leshan Radio Company
LP4935T1G LRC-LP4935T1G Datasheet
385Kb / 5P
   P-Channel MOSFET Low RDS(on) trench technology.
LDP4098T1G LRC-LDP4098T1G Datasheet
335Kb / 5P
   Dual P-Channel MOSFET Low RDS(on) trench technology.
LDP4953T1G LRC-LDP4953T1G Datasheet
331Kb / 5P
   Dual P-Channel MOSFET Low RDS(on) trench technology.
logo
International Rectifier
IRLML2803GPBF IRF-IRLML2803GPBF_11 Datasheet
230Kb / 8P
   Generation V Technology, Ultra Low On-Resistance, N-Channel MOSFET
IRF7750GPBF IRF-IRF7750GPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET Ultra Low On-Resistance Dual P-Channel MOSFET
IRLML6401PBF IRF-IRLML6401PBF_10 Datasheet
196Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET, SOT-23 Footprint
IRF7314PBF IRF-IRF7314PBF Datasheet
201Kb / 7P
   Generation V Technology, Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com