Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STD3LN62K3 Datasheet(PDF) 5 Page - STATEK CORPORATION

No. de pieza STD3LN62K3
Descripción Electrónicos  N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFE DPAK, TO-220FP, TO-220, IPAK
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STATEK [STATEK CORPORATION]
Página de inicio  http://www.statek.com
Logo STATEK - STATEK CORPORATION

STD3LN62K3 Datasheet(HTML) 5 Page - STATEK CORPORATION

  STD3LN62K3 Datasheet HTML 1Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 2Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 3Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 4Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 5Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 6Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 7Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 8Page - STATEK CORPORATION STD3LN62K3 Datasheet HTML 9Page - STATEK CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STD3LN62K3, STF3LN62K3, STP3LN62K3, STU3LN62K3
Electrical characteristics
Doc ID 18452 Rev 1
5/21
Table 7.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off-delay time
Fall time
VDD = 310 V, ID =1.25 A,
RG = 4.7 Ω, VGS = 10 V
(see
Figure 19)
-
9
7
30
27
-
ns
ns
ns
ns
Table 8.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current
Source-drain current (pulsed)
-
2.5
10
A
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 2.5 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 2.5 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 24)
-
240
1200
10
ns
nC
A
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 2.5 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see
Figure 24)
-
265
1400
11
ns
nC
A
Table 9.
Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
BVGSO
(1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Gate-source breakdown
voltage
Igs= ± 1 mA (open drain)
30
-
V


Número de pieza similar - STD3LN62K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STD3LN62K3 STMICROELECTRONICS-STD3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
logo
VBsemi Electronics Co.,...
STD3LN62K3 VBSEMI-STD3LN62K3 Datasheet
1Mb / 9P
   Power MOSFET
More results

Descripción similar - STD3LN62K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STF3LN62K3 STMICROELECTRONICS-STF3LN62K3 Datasheet
1Mb / 21P
   N-channel 620 V, 2.5 廓 , 2.5 A SuperMESH3??Power MOSFET DPAK, TO-220FP, TO-220, IPAK
February 2011 Rev 1
STD6N62K3 STMICROELECTRONICS-STD6N62K3 Datasheet
433Kb / 17P
   N-channel 620 V, 1.1 廓, 5.5 A, IPAK, DPAK, TO-220,TO-220FP SuperMESH3??Power MOSFET
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
   N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STP4N52K3 STMICROELECTRONICS-STP4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
logo
List of Unclassifed Man...
STU5N52K3 ETC2-STU5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STD3NK80Z STMICROELECTRONICS-STD3NK80Z_09 Datasheet
888Kb / 18P
   N-channel 800 V, 3.8 廓, 2.5 A, TO-220, TO-220FP, DPAK, IPAK Zener-protected SuperMESH??Power MOSFET
logo
List of Unclassifed Man...
STW17N62K3 ETC2-STW17N62K3 Datasheet
976Kb / 17P
   N-channel 620 V, 0.28 廓, 15.5 A, TO-220FP, TO-220, TO-247 SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com