Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STU3N45K3 Datasheet(PDF) 5 Page - STATEK CORPORATION

No. de pieza STU3N45K3
Descripción Electrónicos  N-channel 450 V - 3.3typ., 1.8 A Zener-protected SuperMESH3??Power MOSFET in a IPAK package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STATEK [STATEK CORPORATION]
Página de inicio  http://www.statek.com
Logo STATEK - STATEK CORPORATION

STU3N45K3 Datasheet(HTML) 5 Page - STATEK CORPORATION

  STU3N45K3 Datasheet HTML 1Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 2Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 3Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 4Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 5Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 6Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 7Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 8Page - STATEK CORPORATION STU3N45K3 Datasheet HTML 9Page - STATEK CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
DocID17206 Rev 3
5/14
STU3N45K3
Electrical characteristics
14
The built-in back-to-back Zener diodes have been specifically designed to enhance not only
the device’s ESD capability, but also to make them capable of safely absorbing any voltage
transients that may occasionally be applied from gate to source. In this respect, the Zener
voltage is appropriate to achieve efficient and cost-effective protection of device integrity.
The integrated Zener diodes thus eliminate the need for external components.
Table 6.Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
td(on)
Turn-on delay time
VDD = 225 V, ID = 0.9 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 15)
-6.5
-
ns
tr
Rise time
-
5.4
-
ns
td(off)
Turn-off-delay time
-
17
-
ns
tf
Fall time
-
22
-
ns
Table 7.Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
ISD
Source-drain current
-
0.6
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
2.4
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 0.6 A, VGS = 0
-
1.5
V
trr
Reverse recovery time
ISD = 1.8 A, di/dt = 100 A/µs
VDD = 60 V (see Figure 20)
-175
ns
Qrr
Reverse recovery charge
-
550
nC
IRRM
Reverse recovery current
-
6
A
trr
Reverse recovery time
ISD = 1.8 A, di/dt = 100 A/µs
VDD = 60 V, Tj = 150 °C
(see Figure 20)
-185
ns
Qrr
Reverse recovery charge
-
600
nC
IRRM
Reverse recovery current
-
6.5
A
Table 8.Gate-source Zener diode
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V(BR)GSO
Gate-source breakdown
voltage
IGS= ± 1 mA, ID=0
30
-
-
V


Número de pieza similar - STU3N45K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STU3N45K3 STMICROELECTRONICS-STU3N45K3 Datasheet
838Kb / 14P
   Gate charge minimized
June 2013 Rev 3
More results

Descripción similar - STU3N45K3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STFI5N95K3 STMICROELECTRONICS-STFI5N95K3 Datasheet
747Kb / 13P
   N-channel 950 V, 3 廓 typ., 4 A Zener-protected SuperMESH3?? Power MOSFET in I2PAKFP package
May 2013 Rev 1
STN3N45K3 STMICROELECTRONICS-STN3N45K3 Datasheet
487Kb / 12P
   N-channel 450 V, 3.2 廓, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
STD1HN60K3 STMICROELECTRONICS-STD1HN60K3 Datasheet
1Mb / 19P
   N-channel 600 V, 6.7 廓 typ., 1.2 A SuperMESH3??Power MOSFET in DPAK and IPAK packages
April 2013 Rev 1
STF13N95K3 STMICROELECTRONICS-STF13N95K3 Datasheet
861Kb / 19P
   N-channel 950 V, 0.68 Ohm typ., 10 A Zener-protected SuperMESH3
STD5N95K3 STMICROELECTRONICS-STD5N95K3 Datasheet
1Mb / 23P
   N-channel 950 V, 3 ohm typ, 4 A Zener-protected SuperMESH3
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 0.95 廓 typ., 5.5 A SuperMESH3 Power MOSFET in TO-220FP, IPAKFP, IPAK, TO-220, IPAK packages
STF4N62K3 STMICROELECTRONICS-STF4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
STD3PK50Z STMICROELECTRONICS-STD3PK50Z Datasheet
740Kb / 15P
   P-channel 500 V, 3 廓 typ., 2.8 A Zener-protected SuperMESH??Power MOSFET in a DPAK package
STFW2N105K5 STMICROELECTRONICS-STFW2N105K5 Datasheet
866Kb / 14P
   N-channel 1050 V, 6 廓 typ., 1.5 A Zener-protected SuperMESH??5 Power MOSFET in a TO-3PF package
May 2014 Rev 1
CD00269478 STMICROELECTRONICS-CD00269478 Datasheet
443Kb / 10P
   Dual N-channel 450 V, 3.2 廓, 0.5 A SuperMESH3 Power MOSFET in SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com