Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5204BRU10-REEL7 Datasheet(PDF) 7 Page - Analog Devices |
|
AD5204BRU10-REEL7 Datasheet(HTML) 7 Page - Analog Devices |
7 / 20 page AD5204/AD5206 Rev. C | Page 7 of 20 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS NC 1 NC 2 GND 3 CS 4 B4 24 W4 23 A4 22 B2 21 PR 5 VDD 6 SHDN 7 W2 20 A2 19 A1 18 SDI 8 W1 17 CLK 9 B1 16 SDO 10 A3 15 VSS 11 W3 14 NC 12 B3 13 AD5204 TOP VIEW (Not to Scale) NC = NO CONNECT Figure 6. AD5204 SOIC/TSSOP/PDIP Pin Configuration Table 3. AD5204 SOIC/TSSOP/PDIP Pin Function Descriptions Pin No. Name Description 1, 2, 12 NC Not Connected. 3 GND Ground. 4 CS Chip Select Input (Active Low). When CS returns high, data in the serial input register is decoded based on the address bits, and then it is loaded into the target RDAC latch. 5 PR Preset to Midscale (Active Low). This pin sets the RDAC registers to 0x80. 6 VDD Positive Power Supply. This pin is specified for operation at both 3 V and 5 V. It is the sum of |VDD| + |VSS| < 5.5 V. 7 SHDN Terminal A Open-Circuit Shutdown (Active Low Input). This pin controls VR 1 through VR 4. 8 SDI Serial Data Input. Data is input MSB first. 9 CLK Serial Clock Input. This pin is positive edge triggered. 10 SDO Serial Data Output. This pin is an open-drain transistor and requires a pull-up resistor. 11 VSS Negative Power Supply. This pin is specified for operation at both 0 V and −2.7 V. It is the sum of |VDD| + |VSS| < 5.5 V. 13 B3 Terminal B RDAC 3. 14 W3 Wiper RDAC 3. Address = 0102. 15 A3 Terminal A RDAC 3. 16 B1 Terminal B RDAC 1. 17 W1 Wiper RDAC 1. Address = 0002. 18 A1 Terminal A RDAC 1. 19 A2 Terminal A RDAC 2. 20 W2 Wiper RDAC 2. Address = 0012. 21 B2 Terminal B RDAC 2. 22 A4 Terminal A RDAC 4. 23 W4 Wiper RDAC 4. Address = 0112. 24 B4 Terminal B RDAC 4. |
Número de pieza similar - AD5204BRU10-REEL7 |
|
Descripción similar - AD5204BRU10-REEL7 |