Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7792BRUZ-REEL1 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD7792BRUZ-REEL1
Descripción Electrónicos  3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7792BRUZ-REEL1 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7792BRUZ-REEL1 Datasheet HTML 7Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 8Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 9Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 10Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 11Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 12Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 13Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 14Page - Analog Devices AD7792BRUZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7792/AD7793
Rev. B | Page 11 of 32
OUTPUT NOISE AND RESOLUTION SPECIFICATIONS
EXTERNAL REFERENCE
Table 5 shows the output rms noise of the AD7792/AD7793 for
some of the update rates and gain settings. The numbers given
are for the bipolar input range with an external 2.5 V reference.
These numbers are typical and are generated with a differential
input voltage of 0 V. Table 6 and Table 7 show the effective
resolution, with the output peak-to-peak (p-p) resolution
shown in parentheses for the AD7793 and AD7792, respectively.
It is important to note that the effective resolution is calculated
using the rms noise, while the p-p resolution is based on the p-p
noise. The p-p resolution represents the resolution for which
there is no code flicker. These numbers are typical and are
rounded to the nearest LSB.
Table 5. Output RMS Noise (μV) vs. Gain and Output Update Rate for the AD7792 and AD7793 Using an External 2.5 V Reference
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
0.64
0.6
0.29
0.22
0.1
0.065
0.039
0.041
8.33
1.04
0.96
0.38
0.26
0.13
0.078
0.057
0.055
16.7
1.55
1.45
0.54
0.36
0.18
0.11
0.087
0.086
33.2
2.3
2.13
0.74
0.5
0.23
0.17
0.124
0.118
62
2.95
2.85
0.92
0.58
0.29
0.2
0.153
0.144
123
4.89
4.74
1.49
1
0.48
0.32
0.265
0.283
242
11.76
9.5
4.02
1.96
0.88
0.45
0.379
0.397
470
11.33
9.44
3.07
1.79
0.99
0.63
0.568
0.593
Table 6. Typical Resolution (Bits) vs. Gain and Output Update Rate for the AD7793 Using an External 2.5 V Reference
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
23 (20.5)
22 (19.5)
22 (19.5)
21.5 (19)
21.5 (19)
21 (18.5)
21 (18.5)
20 (17.5)
8.33
22 (19.5)
21.5 (19)
21.5 (19)
21 (18.5)
21 (18.5)
21 (18.5)
20.5 (18)
19.5 (17)
16.7
21.5 (19)
20.5 (18)
21 (18.5)
20.5 (18)
20.5 (18)
20.5 (18)
20 (17.5)
19 (16.5)
33.2
21 (18.5)
20 (17.5)
20.5 (18)
20 (17.5)
20.5 (18)
20 (17.5)
19 (16.5)
18.5 (16)
62
20.5 (18)
19.5 (17)
20.5 (18)
20 (17.5)
20 (17.5)
19.5 (17)
19 (16.5)
18 (15.5)
123
20 (17.5)
19 (16.5)
19.5 (17)
19 (16.5)
19.5 (17)
19 (16.5)
18 (15.5)
17 (14.5)
242
18.5 (16)
18 (15.5)
18 (15.5)
18 (15.5)
18.5 (16)
18.5 (16)
17.5 (15)
16.5 (14)
470
18.5 (16)
18 (15.5)
18.5 (16)
18.5 (16)
18 (15.5)
18 (15.5)
17 (14.5)
16 (13.5)
Table 7. Typical Resolution (Bits) vs. Gain and Output Update Rate for the AD7792 Using an External 2.5 V Reference
Update Rate (Hz)
Gain of 1
Gain of 2
Gain of 4
Gain of 8
Gain of 16
Gain of 32
Gain of 64
Gain of 128
4.17
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
8.33
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16.7
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
33.2
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
62
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
123
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
165 (15.5)
16 (14.5)
242
16 (16)
16 (15.5)
16 (15.5)
16 (15.5)
16 (16)
16 (16)
16 (15)
16 (14)
470
16 (16)
16 (15.5)
16 (16)
16 (16)
16 (15.5)
16 (15.5)
16 (14.5)
15.5 (13.5)


Número de pieza similar - AD7792BRUZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
More results

Descripción similar - AD7792BRUZ-REEL1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7794 AD-AD7794_07 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
   16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com