Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7846JNZ Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD7846JNZ
Descripción Electrónicos  LC2MOS 16-Bit Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7846JNZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7846JNZ Datasheet HTML 2Page - Analog Devices AD7846JNZ Datasheet HTML 3Page - Analog Devices AD7846JNZ Datasheet HTML 4Page - Analog Devices AD7846JNZ Datasheet HTML 5Page - Analog Devices AD7846JNZ Datasheet HTML 6Page - Analog Devices AD7846JNZ Datasheet HTML 7Page - Analog Devices AD7846JNZ Datasheet HTML 8Page - Analog Devices AD7846JNZ Datasheet HTML 9Page - Analog Devices AD7846JNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7846
Rev. G | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
VDD to DGND
−0.4 V to +17 V
VCC to DGND
−0.4 V, VDD + 0.4 V, or +7 V
(whichever is lower)
VSS to DGND
+0.4 V to −17 V
VREF+ to DGND
VDD + 0.4 V, VSS − 0.4 V
VREF− to DGND
VDD + 0.4 V, VSS − 0.4 V
VOUT to DGND1
VDD + 0.4 V, VSS − 0.4 V, or ±10 V
(whichever is lower)
RIN to DGND
VDD + 0.4 V, VSS − 0.4 V
Digital Input Voltage to DGND
−0.4 V to VCC + 0.4 V
Digital Output Voltage to DGND
−0.4 V to VCC + 0.4 V
Power Dissipation (Any Package)
To +75°C
1000 mW
Derates above +75°C
10 mW/°C
Operating Temperature Range
J, K Versions
0°C to +70°C
A, B Versions
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering)
+300°C
1 VOUT can be shorted to DGND, VDD, VSS, or VCC provided that the power
dissipation of the package is not exceeded.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Número de pieza similar - AD7846JNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7846JN AD-AD7846JN Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
More results

Descripción similar - AD7846JNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
AD7224KNZ AD-AD7224KNZ Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224 AD-AD7224 Datasheet
228Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
AD7224KRZ-18 AD-AD7224KRZ-18 Datasheet
231Kb / 8P
   LC2MOS 8-Bit DAC with Output Amplifiers
REV. B
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
logo
Linear Technology
LTC1650 LINER-LTC1650 Datasheet
253Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Texas Instruments
DAC161S055 TI1-DAC161S055 Datasheet
486Kb / 23P
[Old version datasheet]   Precision 16-Bit, Buffered Voltage-Output DAC
logo
Linear Technology
LTC1650 LINER-LTC1650_15 Datasheet
525Kb / 12P
   Low Glitch 16-Bit Voltage Output DAC
logo
Analog Devices
AD7846 AD-AD7846_15 Datasheet
451Kb / 24P
   LC MOS 16-Bit Voltage Output DAC
Rev. G
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
   LC2MOS Octal 8-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com