Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9778-EB Datasheet(PDF) 10 Page - Analog Devices

No. de pieza AD9778-EB
Descripción Electrónicos  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9778-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9778-EB Datasheet HTML 6Page - Analog Devices AD9778-EB Datasheet HTML 7Page - Analog Devices AD9778-EB Datasheet HTML 8Page - Analog Devices AD9778-EB Datasheet HTML 9Page - Analog Devices AD9778-EB Datasheet HTML 10Page - Analog Devices AD9778-EB Datasheet HTML 11Page - Analog Devices AD9778-EB Datasheet HTML 12Page - Analog Devices AD9778-EB Datasheet HTML 13Page - Analog Devices AD9778-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 10 of 56
Pin
No.
Mnemonic
Description
39
TXENABLE
Transmit Enable.
40
P2D<11>
Port 2, Data Input D11 (MSB).
41
P2D<10>
Port 2, Data Input D10.
42
P2D<9>
Port 2, Data Input D9.
43
DVDD18
1.8 V Digital Supply.
44
DGND
Digital Common.
45
P2D<8>
Port 2, Data Input D8.
46
P2D<7>
Port 2, Data Input D7.
47
P2D<6>
Port 2, Data Input D6.
48
P2D<5>
Port 2, Data Input D5.
49
P2D<4>
Port 2, Data Input D4.
50
P2D<3>
Port 2, Data Input D3.
51
P2D<2>
Port 2, Data Input D2.
52
P2D<1>
Port 2, Data Input D1.
53
DVDD18
1.8 V Digital Supply.
54
DGND
Digital Common.
55
P2D<0>
Port 2, Data Input D0 (LSB).
56
NC
No Connect.
57
NC
No Connect.
58
NC
No Connect.
59
NC
No Connect.
60
DVDD18
1.8 V Digital Supply.
61
DVDD33
3.3 V Digital Supply.
62
SYNC_O−
Differential Synchronization Output.
63
SYNC_O+
Differential Synchronization Output
64
DGND
Digital Common
65
PLL_LOCK
PLL Lock Indicator
66
SDO
SPI Port Data Output
67
SDIO
SPI Port Data Input/Output
68
SCLK
SPI Port Clock
69
CSB
SPI Port Chip Select Bar.
70
RESET
Reset, Active High.
71
IRQ
Interrupt Request.
72
AGND
Analog Common.
Pin
No.
Mnemonic
Description
73
IPTAT
Factory Test Pin. Output current is
proportional to absolute temperature,
approximately 10 μA at 25°C with
approximately 20 nA/°C slope. This pin
should remain floating.
74
VREF
Voltage Reference Output.
75
I120
120 μA Reference Current.
76
AVDD33
3.3 V Analog Supply.
77
AGND
Analog Common.
78
AVDD33
3.3 V Analog Supply.
79
AGND
Analog Common.
80
AVDD33
3.3 V Analog Supply.
81
AGND
Analog Common.
82
AGND
Analog Common.
83
OUT2_P
Differential DAC Current Output, Channel 2.
84
OUT2_N
Differential DAC Current Output, Channel 2.
85
AGND
Analog Common.
86
AUX2_P
Auxiliary DAC Current Output, Channel 2.
87
AUX2_N
Auxiliary DAC Current Output, Channel 2.
88
AGND
Analog Common.
89
AUX1_N
Auxiliary DAC Current Output, Channel 1.
90
AUX1_P
Auxiliary DAC Current Output, Channel 1.
91
AGND
Analog Common.
92
OUT1_N
Differential DAC Current Output, Channel 1.
93
OUT1_P
Differential DAC Current Output, Channel 1.
94
AGND
Analog Common.
95
AGND
Analog Common.
96
AVDD33
3.3 V Analog Supply.
97
AGND
Analog Common.
98
AVDD33
3.3 V Analog Supply.
99
AGND
Analog Common.
100
AVDD33
3.3 V Analog Supply.
1 The combined differential clock input at the CLK+ and CLK– pins are referred
to as REFCLK.


Número de pieza similar - AD9778-EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9778 AD-AD9778 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
AD9778 AD-AD9778 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD9778A AD-AD9778A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778A AD-AD9778A Datasheet
1Mb / 55P
   Digital-to-Analog Converters
AD9778A-EBZ AD-AD9778A-EBZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
More results

Descripción similar - AD9778-EB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZ AD-AD9779BSVZ Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com