Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74697-2532 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

No. de pieza 74697-2532
Descripción Electrónicos  HSD SALES ASSEMBLY 5 ROW SHIELD END BACLPLANE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX11 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

74697-2532 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74697-2532 Datasheet HTML 1Page - Molex Electronics Ltd. 74697-2532 Datasheet HTML 2Page - Molex Electronics Ltd. 74697-2532 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Número de pieza similar - 74697-2532

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
74697-2501 MOLEX-74697-2501 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74697-2501 MOLEX9-74697-2501 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 4.75mm (.187)
74697-2502 MOLEX-74697-2502 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
74697-2502 MOLEX9-74697-2502 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 6.25mm (.246)
74697-2503 MOLEX-74697-2503 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results

Descripción similar - 74697-2532

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0746971104 MOLEX9-0746971104 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits
0746972609 MOLEX9-0746972609 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 100 Circuits
0746971102 MOLEX9-0746971102 Datasheet
289Kb / 4P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield Pin End Version, Advanced Mate Shield, 40 Circuits
0746972612 MOLEX9-0746972612 Datasheet
289Kb / 4P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 100 Circuits, Pin Length
0746512501 MOLEX8-0746512501 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield End
130112-0176 MOLEX11-130112-0176 Datasheet
31Kb / 1P
   Replacement Shield Assembly 1083/5-31086
0746968512 MOLEX9-0746968512 Datasheet
380Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield
0746512511 MOLEX8-0746512511 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Shield End Version
0746511112 MOLEX8-0746511112 Datasheet
372Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield Pin End Version, Advanced Mate Shield, 60 Circuits
0746972511 MOLEX9-0746972511 Datasheet
379Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Shield End Version, 100 Circuits, Pin Length 4.75mm (.187")
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com