Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5204BRUZ100 Datasheet(PDF) 9 Page - Analog Devices

No. de pieza AD5204BRUZ100
Descripción Electrónicos  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5204BRUZ100 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5204BRUZ100 Datasheet HTML 5Page - Analog Devices AD5204BRUZ100 Datasheet HTML 6Page - Analog Devices AD5204BRUZ100 Datasheet HTML 7Page - Analog Devices AD5204BRUZ100 Datasheet HTML 8Page - Analog Devices AD5204BRUZ100 Datasheet HTML 9Page - Analog Devices AD5204BRUZ100 Datasheet HTML 10Page - Analog Devices AD5204BRUZ100 Datasheet HTML 11Page - Analog Devices AD5204BRUZ100 Datasheet HTML 12Page - Analog Devices AD5204BRUZ100 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD5204/AD5206
Rev. C | Page 9 of 20
A6
1
W6
2
B6
3
GND
4
B4
24
W4
23
A4
22
B2
21
CS
5
VDD 6
SDI
7
W2
20
A2
19
A1
18
CLK
8
W1
17
VSS 9
B1
16
B5 10
A3
15
W5 11
W3
14
A5 12
B3
13
AD5206
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 8. AD5206 SOIC/TSSOP/PDIP Pin Configuration
Table 5. AD5206 Pin Function Descriptions
Pin No.
Name
Description
1
A6
Terminal A RDAC 6.
2
W6
Wiper RDAC 6. Address = 1012.
3
B6
Terminal B RDAC 6.
4
GND
Ground.
5
CS
Chip Select Input (Active Low). When CS returns high, data in the serial input register is decoded based on the
address bits, and then it is loaded into the target RDAC latch.
6
VDD
Positive Power Supply. This pin is specified for operation at both 3 V and 5 V. It is the sum of |VDD| + |VSS| < 5.5 V.
7
SDI
Serial Data Input. Data is input MSB first.
8
CLK
Serial Clock Input. This pin is positive edge triggered.
9
VSS
Negative Power Supply. This pin is specified for operation at both 0 V and −2.7 V. It is the sum of |VDD| + |VSS| < 5.5 V.
10
B5
Terminal B RDAC 5.
11
W5
Wiper RDAC 5. Address = 1002.
12
A5
Terminal A RDAC 5.
13
B3
Terminal B RDAC 3.
14
W3
Wiper RDAC 3. Address = 0102.
15
A3
Terminal A RDAC 3.
16
B1
Terminal B RDAC 1.
17
W1
Wiper RDAC 1. Address = 0002.
18
A1
Terminal A RDAC 1.
19
A2
Terminal A RDAC 2.
20
W2
Wiper RDAC 2. Address = 0012.
21
B2
Terminal B RDAC 2.
22
A4
Terminal A RDAC 4.
23
W4
Wiper RDAC 4. Address = 0112.
24
B4
Terminal B RDAC 4.


Número de pieza similar - AD5204BRUZ100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5204BRUZ10 AD-AD5204BRUZ10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204BRUZ10-REEL7 AD-AD5204BRUZ10-REEL7 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results

Descripción similar - AD5204BRUZ100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com