Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD22100AR-REEL Datasheet(PDF) 4 Page - Analog Devices

No. de pieza AD22100AR-REEL
Descripción Electrónicos  Voltage Output Temperature Sensor with Signal Conditioning
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD22100AR-REEL Datasheet(HTML) 4 Page - Analog Devices

  AD22100AR-REEL Datasheet HTML 1Page - Analog Devices AD22100AR-REEL Datasheet HTML 2Page - Analog Devices AD22100AR-REEL Datasheet HTML 3Page - Analog Devices AD22100AR-REEL Datasheet HTML 4Page - Analog Devices AD22100AR-REEL Datasheet HTML 5Page - Analog Devices AD22100AR-REEL Datasheet HTML 6Page - Analog Devices AD22100AR-REEL Datasheet HTML 7Page - Analog Devices AD22100AR-REEL Datasheet HTML 8Page - Analog Devices AD22100AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD22100
Rev. D | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
10 V
Reversed Continuous Supply Voltage
−10 V
Operating Temperature
–50°C to +150°C
Storage Temperature
–65°C to +160°C
Output Short Circuit to V+ or Ground
Indefinite
Lead Temperature Range
(Soldering 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Número de pieza similar - AD22100AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD22100AR-REEL AD-AD22100AR-REEL Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100AR-REEL AD-AD22100AR-REEL Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100AR-REEL AD-AD22100AR-REEL Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100AR-REEL AD-AD22100AR-REEL Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100AR-REEL7 AD-AD22100AR-REEL7 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
More results

Descripción similar - AD22100AR-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD22100 AD-AD22100 Datasheet
230Kb / 6P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. B
AD22100 AD-AD22100_04 Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100STZ AD-AD22100STZ Datasheet
216Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ATZ AD-AD22100ATZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
Rev. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22100ARZ AD-AD22100ARZ Datasheet
190Kb / 12P
   Voltage Output Temperature Sensor with Signal Conditioning
REV. D
AD22103 AD-AD22103_15 Datasheet
431Kb / 6P
   3.3V Supply Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103KTZ AD-AD22103KTZ Datasheet
431Kb / 6P
   33 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
AD22103 AD-AD22103 Datasheet
224Kb / 6P
   3.3 V Supply, Voltage Output Temperature Sensor with Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com