Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG412BN Datasheet(PDF) 11 Page - Analog Devices

No. de pieza ADG412BN
Descripción Electrónicos  LC2MOS Precision Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG412BN Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG412BN Datasheet HTML 7Page - Analog Devices ADG412BN Datasheet HTML 8Page - Analog Devices ADG412BN Datasheet HTML 9Page - Analog Devices ADG412BN Datasheet HTML 10Page - Analog Devices ADG412BN Datasheet HTML 11Page - Analog Devices ADG412BN Datasheet HTML 12Page - Analog Devices ADG412BN Datasheet HTML 13Page - Analog Devices ADG412BN Datasheet HTML 14Page - Analog Devices ADG412BN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG411/ADG412/ADG413
Rev. D | Page 11 of 16
TEST CIRCUITS
SD
VS
RON = V1/IDS
IDS
V1
Figure 14. On Resistance
SD
VS
VD
IS (OFF)
ID (OFF)
A
A
Figure 15. Off Leakage
SD
VS
VD
ID (ON)
A
Figure 16. On Leakage
S
+15V
+5V
0.1
μF
0.1
μF
VDD
VL
IN
VS
GND
VSS
RL
300
Ω
CL
35pF
VOUT
0.1
μF
–15V
tON
tOFF
3V
50%
50%
50%
50%
3V
90%
90%
VIN
VIN
VOUT
ADG411
ADG412
D
Figure 17. Switching Times
S1
D1
+15V
+5V
0.1
μF
0.1
μF
VDD
VL
IN1, IN2
VS1
GND
VSS
RL1
300
Ω
CL1
35pF
VOUT1
0.1
μF
–15V
VS2
VOUT2
RL2
300
Ω
CL2
35pF
S2
VIN
D2
tD
tD
3V
50%
50%
90%
VIN
VOUT1
VOUT2
90%
90%
90%
0V
0V
0V
Figure 18. Break-Before-Make Time Delay
+15V
+5V
VDD
VL
IN
VS
GND
VSS
CL
10nF
VOUT
–15V
RS
3V
VIN
VOUT
ΔV
OUT
QINJ = CL × ΔVOUT
SD
Figure 19. Charge Injection


Número de pieza similar - ADG412BN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG412BN AD-ADG412BN Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
More results

Descripción similar - ADG412BN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG411 AD-ADG411 Datasheet
156Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. A
ADG433ABRZ AD-ADG433ABRZ Datasheet
137Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. C
ADG431 AD-ADG431 Datasheet
119Kb / 8P
   LC2MOS Precision Quad SPST Switches
REV. B
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com