Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADuM5401CRWZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADuM5401CRWZ
Descripción Electrónicos  Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADuM5401CRWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADuM5401CRWZ Datasheet HTML 6Page - Analog Devices ADuM5401CRWZ Datasheet HTML 7Page - Analog Devices ADuM5401CRWZ Datasheet HTML 8Page - Analog Devices ADuM5401CRWZ Datasheet HTML 9Page - Analog Devices ADuM5401CRWZ Datasheet HTML 10Page - Analog Devices ADuM5401CRWZ Datasheet HTML 11Page - Analog Devices ADuM5401CRWZ Datasheet HTML 12Page - Analog Devices ADuM5401CRWZ Datasheet HTML 13Page - Analog Devices ADuM5401CRWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADuM5401/ADuM5402/ADuM5403/ADuM5404
Data Sheet
Rev. C | Page 10 of 28
PACKAGE CHARACTERISTICS
Table 14.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RESISTANCE AND CAPACITANCE
Resistance (Input-to-Output)1
R
I-O
1012
Capacitance (Input-to-Output)1
C
I-O
2.2
pF
f = 1 MHz
Input Capacitance2
C
I
4.0
pF
IC Junction-to-Ambient Thermal
Resistance
θ
JA
45
°C/W
Thermocouple located at center of package underside,
test conducted on 4-layer board with thin traces3
1 This device is considered a 2-terminal device; Pin 1 through Pin 8 are shorted together, and Pin 9 through Pin 16 are shorted together.
2 Input capacitance is from any input data pin to ground.
3 See the Thermal Analysis section for thermal model definitions.
REGULATORY INFORMATION
The ADuM5401/ADuM5402/ADuM5403/ADuM5404 are approved by the organizations listed in Table 15. Refer to Table 20 and the
Insulation Lifetime section for more information about the recommended maximum working voltages for specific cross-insulation
waveforms and insulation levels.
Table 15.
UL1
CSA
VDE (Pending)2
Recognized under 1577 component
recognition program1
Approved under CSA Component
Acceptance Notice #5A
Certified according to IEC 60747-5-2
(VDE 0884 Part 2):2003-012
Single protection, 2500 V rms
isolation voltage
Testing was conducted per CSA 60950-1-07
and IEC 60950-1 2nd Ed. at 2.5 kV rated voltage
Basic insulation at 600 V rms (848 V peak)
working voltage
Reinforced insulation at 250 V rms (353 V peak)
working voltage
Basic insulation, 560 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL 1577, each ADuM5401/ADuM5402/ADuM5403/ADuM5404 is proof tested by applying an insulation test voltage ≥ 3000 V rms for 1 second
(current leakage detection limit = 10 µA).
2 In accordance with IEC 60747-5-2 (VDE 0884 Part 2):2003-01, each ADuM5401/ADuM5402/ADuM5403/ADuM5404 is proof tested by applying an insulation test voltage ≥
1590 V peak for 1 second (partial discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates IEC 60747-5-2 (VDE 0884 Part 2):2003-01
approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 16. Critical Safety-Related Dimensions and Material Properties
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
2500
V rms
1-minute duration
Minimum External Air Distance
L(I01)
8.0
mm
Measured from input terminals to output
terminals, shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
7.6
mm
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303, Part 1
Material Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Número de pieza similar - ADuM5401CRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401CRWZ AD-ADUM5401CRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
More results

Descripción similar - ADuM5401CRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5402CRWZ-RL AD-ADUM5402CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402ARWZ-RL AD-ADUM5402ARWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
539Kb / 24P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
ADUM5401 AD-ADUM5401_V01 Datasheet
453Kb / 29P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. E
ADUM5401CRWZ-RL AD-ADUM5401CRWZ-RL Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5402WCRWZ AD-ADUM5402WCRWZ Datasheet
539Kb / 28P
   Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com