Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TL441CN Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TL441CN
Descripción Electrónicos  LOGARITHMIC AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TL441CN Datasheet(HTML) 5 Page - Texas Instruments

  TL441CN Datasheet HTML 1Page - Texas Instruments TL441CN Datasheet HTML 2Page - Texas Instruments TL441CN Datasheet HTML 3Page - Texas Instruments TL441CN Datasheet HTML 4Page - Texas Instruments TL441CN Datasheet HTML 5Page - Texas Instruments TL441CN Datasheet HTML 6Page - Texas Instruments TL441CN Datasheet HTML 7Page - Texas Instruments TL441CN Datasheet HTML 8Page - Texas Instruments TL441CN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TL441
LOGARITHMIC AMPLIFIER
SLVS328 – OCTOBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
CA2 CA2
′ VCC+ VCC–
Y
Y
Z
Z
CB2
GND
A1
A2
B1
B2
DVM
18 mV
100 mV
560 mV
DC
Power
Supply
VCC+ VCC–
Scale Factor
+
V
out(560 mV)
–V
out(18mV)
mV
30 dBV
Error
+
Vout(100 mV)
–0.5 V
out(560 mV)
–0.5 V
out(18 mV)
Scale Factor
CB2
Figure 3
CA2 CA2
′ VCC+ VCC–
Y
Y
Z
Z
CB2 CB2
′ GND
A1
A2
B1
B2
VCC+
VCC–
1000 pF
CI
CL
CL
100 mV
0 mV
Atten
Pulse
Generator
50
Tektronix
Sampling Scope
With Digital
Readout or
Equivalent
NOTES: A. The input pulse has the following characteristics: tw = 200 ns, tr ≤ 2 ns, tf ≤ 2 ns, PRR ≤ 10 MHz.
B. Capacitor CI consists of three capacitors in parallel: 1 µF, 0.1 µF, and 0.01 µF.
C. CL includes probe and jig capacitance.
Figure 4


Número de pieza similar - TL441CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
More results

Descripción similar - TL441CN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
4127 BURR-BROWN-4127 Datasheet
510Kb / 8P
   LOGARITHMIC AMPLIFIER
logo
Texas Instruments
TL441AM TI-TL441AM_06 Datasheet
246Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP Datasheet
576Kb / 18P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441AM TI-TL441AM Datasheet
233Kb / 14P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441A TI1-TL441A Datasheet
257Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441 TI-TL441 Datasheet
226Kb / 15P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
TL441-EP TI1-TL441-EP_14 Datasheet
800Kb / 19P
[Old version datasheet]   LOGARITHMIC AMPLIFIER
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
logo
Analog Devices
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com