Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS58C28IRGCR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS58C28IRGCR
Descripción Electrónicos  Dual Channel IF Receiver with SNRBoost3G
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58C28IRGCR Datasheet(HTML) 2 Page - Texas Instruments

  ADS58C28IRGCR Datasheet HTML 1Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 2Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 3Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 4Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 5Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 6Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 7Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 8Page - Texas Instruments ADS58C28IRGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
ADS58C28
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD/BALL
PACKAGE
ORDERING
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN
(2)
FINISH
MARKING
NUMBER
TRANSPORT MEDIA
ADS58C28IRGC
Tape and reel
GREEN (RoHS, no
ADS58C28
QFN-64
RGC
–40°C to +85°C
Cu/NiPdAu
AZ58C28
Sb/Br)
ADS58C28IRGC
Tape and reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
The ADS58C28 is pin-compatible with the previous generation ADS62C17 converter; this architecture enables
easy migration. However, there are some important differences between the generations, summarized in Table 1.
Table 1. Migrating from the ADS62C17
ADS62C17
ADS58C28
PINS
Pin 22 is NC (not connected)
Pin 22 is AVDD
Pins 38 and 58 are DRVDD
Pins 38 and 58 are NC (do not connect pins)
Pins 39 and 59 are DRGND
Pins 39 and 59 are NC (do not connect pins)
SUPPLY
AVDD is 3.3V
AVDD is 1.8V
DRVDD is 1.8V
No change
INPUT COMMON-MODE VOLTAGE
CM is 1.5V
CM is 0.95V
SERIAL INTERFACE
No change in protocol
Protocol: 8-bit register address and 8-bit register data
New serial register map
PARALLEL CONFIGURATION
SCLK pin controls internal and external reference mode
SCLK pin enables low-speed mode
EXTERNAL REFERENCE
Supported
Not supported
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): ADS58C28


Número de pieza similar - ADS58C28IRGCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost 3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
More results

Descripción similar - ADS58C28IRGCR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
[Old version datasheet]   Dual IF Receivers with SNRBoost3G Signal Processing
ADS58C28 TI1-ADS58C28_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com