Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS7809U-1K Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza ADS7809U-1K
Descripción Electrónicos  16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7809U-1K Datasheet(HTML) 2 Page - Texas Instruments

  ADS7809U-1K Datasheet HTML 1Page - Texas Instruments ADS7809U-1K Datasheet HTML 2Page - Texas Instruments ADS7809U-1K Datasheet HTML 3Page - Texas Instruments ADS7809U-1K Datasheet HTML 4Page - Texas Instruments ADS7809U-1K Datasheet HTML 5Page - Texas Instruments ADS7809U-1K Datasheet HTML 6Page - Texas Instruments ADS7809U-1K Datasheet HTML 7Page - Texas Instruments ADS7809U-1K Datasheet HTML 8Page - Texas Instruments ADS7809U-1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ADS7809
2
SBAS017C
www.ti.com
Analog Inputs: R1IN .......................................................................... ±25V
R2IN .......................................................................... ±25V
R3IN .......................................................................... ±25V
REF ................................. VANA + 0.3V to AGND2 – 0.3V
CAP ....................................... Indefinite Short to AGND2,
......................................................................... Momentary Short to VANA
Ground Voltage Differences: DGND, AGND2 .................................
±0.3V
VANA ...................................................................................................... 7V
VDIG to VANA ....................................................................................... +0.3
VDIG ....................................................................................................... 7V
Digital Inputs ............................................................ –0.3V to VDIG + 0.3V
Maximum Junction Temperature .................................................. +165
°C
Internal Power Dissipation ............................................................ 700mW
Lead Temperature (soldering, 10s) .............................................. +300
°C
ABSOLUTE MAXIMUM RATINGS(1)
MINIMUM
SIGNAL-TO-
MAXIMUM
NO MISSING
(NOISE +
SPECIFIED
LINEARITY
CODE LEVEL DISTORTION)
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
ERROR (LSB)
(LSB)
RATIO (dB)
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
ADS7809U
±315
83
SO-20
DW
–40
°C to +85°C
ADS7809U
ADS7809U
Rail, 38
"
""
"
"
"
"
"
ADS7809U/1K
Tape and Reel, 1000
ADS7809UB
±216
86
""
"
ADS7809UB
ADS7809UB
Rail, 38
"
""
"
"
"
"
"
ADS7809UB/1K
Tape and Reel, 1000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.


Número de pieza similar - ADS7809U-1K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
ADS7809U BURR-BROWN-ADS7809U Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7809U TI1-ADS7809U Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7809U/1K TI1-ADS7809U/1K Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7809U/1KE4 TI1-ADS7809U/1KE4 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809UB BURR-BROWN-ADS7809UB Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
More results

Descripción similar - ADS7809U-1K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8509 BURR-BROWN-ADS8509 Datasheet
693Kb / 26P
   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com