Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD12P10 Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FQD12P10
Descripción Electrónicos  100V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD12P10 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD12P10 Datasheet HTML 1Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 2Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 3Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 4Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 5Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 6Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 7Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 8Page - Fairchild Semiconductor FQD12P10 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, August 2002
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
-1
10
0
10
1
150!
" Notes :
1. V
GS = 0V
2. 250# s Pulse Test
25!
-V
SD , Source-Drain Voltage [V]
0
102030
40
0.0
0.2
0.4
0.6
0.8
" Note : T
J = 25
!
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
2
468
10
10
-1
10
0
10
1
150!
25!
-55!
" Notes :
1. V
DS = -40V
2. 250# s Pulse Test
-V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
V
GS
Top :
-15.0 V
-10.0 V
-8.0 V
-7.0 V
-6.5 V
-5.5 V
-5.0 V
Bottom : -4.5 V
" Notes :
1. 250# s Pulse Test
2. T
C = 25
!
-V
DS, Drain-Source Voltage [V]
0
4
8
12
16
20
24
0
2
4
6
8
10
12
V
DS = -50V
V
DS = -20V
V
DS = -80V
" Note : I
D = -11.5 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
1400
1600
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
" Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
-V
DS, Drain-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Número de pieza similar - FQD12P10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD12P10 FAIRCHILD-FQD12P10 Datasheet
672Kb / 9P
   100V P-Channel MOSFET
logo
Guangdong Kexin Industr...
FQD12P10 KEXIN-FQD12P10 Datasheet
2Mb / 4P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
FQD12P10 VBSEMI-FQD12P10 Datasheet
1,017Kb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FQD12P10TM FAIRCHILD-FQD12P10TM Datasheet
672Kb / 9P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
More results

Descripción similar - FQD12P10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com