Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA78M20FP Datasheet(PDF) 7 Page - Rohm

No. de pieza BA78M20FP
Descripción Electrónicos  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA78M20FP Datasheet(HTML) 7 Page - Rohm

Back Button BA78M20FP Datasheet HTML 3Page - Rohm BA78M20FP Datasheet HTML 4Page - Rohm BA78M20FP Datasheet HTML 5Page - Rohm BA78M20FP Datasheet HTML 6Page - Rohm BA78M20FP Datasheet HTML 7Page - Rohm BA78M20FP Datasheet HTML 8Page - Rohm BA78M20FP Datasheet HTML 9Page - Rohm BA78M20FP Datasheet HTML 10Page - Rohm BA78M20FP Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
7/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
●BA78M□□ Characteristics data(Ta=25℃, Vin=10V(05), 14V(08), 23V(15) unless otherwise specified)
Ta=25℃
Io=0mA
BA78M05
BA78M08
BA78M15
Fig.4 Vin - Ib
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
BA78M15
BA78M08
BA78M05
Fig.6 Peak Output Current
0
1
2
3
4
5
6
0
0.1
0.2
0.3
0.4
0.5
Io [A]
Ta=25℃
BA78M05
BA78M08
BA78M15
Fig.12 Io - Ib
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
-40
-20
0
204060
80
100
Ta [℃]
Io=5mA
BA78M15
BA78M08
BA78M05
Fig.10 Ta - Vo
BA78M05
BA78M08
BA78M15
Fig.11 Ta - Ib
0
1
2
3
4
5
6
-40
-20
0
20
40
60
80
100
Ta[℃]
Io=0mA
BA78M05
BA78M08
BA78M15
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
Io [A]
Fig.5 Load Regulation
Ta=25℃
BA78M05
BA78M08
BA78M15
0.0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
BA78M05
BA78M08
BA78M15
Fig.8 Short – Circuit Output Current
0
5
10
15
20
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
Io=350mA
Fig.2 Line Regulation (Io=350mA)
BA78M15
BA78M08
BA78M05
Ta=25℃
Io=500mA
0
5
10
15
20
0
5
10
15
20
25
30
Vin [V]
BA78M15
BA78M08
BA78M05
Fig.3 Line Regulation(Io=500mA)
0.0
0.5
1.0
1.5
2.0
0
0.1
0.2
0.3
0.4
0.5
Io [A]
Ta=25℃
BA78M05
BA78M08
BA78M15
Fig.7 Dropout Voltage
0
20
40
60
80
100
10
100
1000
10000
100000
1000000
Frequency [Hz]
Ta=25℃
Io=100mA
BA78M05
BA78M15
BA78M08
0
Fig.9 Ripple Rejection Ratio
Frequency[Hz]
Ta=25℃
Io=500mA
Fig.1 Line Regulation (Io=0mA)
0
5
10
15
20
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
Io=0mA
BA78M05
BA78M08
BA78M15
10
100
1K
10K
100K
1M
0
1
2
3
4
5
6
0
5
10
15
20
25
30
Vin [V]
Ta=25℃
Io=0mA
BA78M05
BA78M08
BA78M15
Fig.4 VIN - Io


Número de pieza similar - BA78M20FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA78M20FP ROHM-BA78M20FP Datasheet
366Kb / 6P
   Three-Terminal Regulator
BA78M20FP ROHM-BA78M20FP Datasheet
363Kb / 6P
   Three-Terminal Regulator
BA78M20FP ROHM-BA78M20FP Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M20FP ROHM-BA78M20FP Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M20FP-E2 ROHM-BA78M20FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Descripción similar - BA78M20FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com