Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54610PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54610PWPR
Descripción Electrónicos  3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54610PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPS54610PWPR Datasheet HTML 1Page - Texas Instruments TPS54610PWPR Datasheet HTML 2Page - Texas Instruments TPS54610PWPR Datasheet HTML 3Page - Texas Instruments TPS54610PWPR Datasheet HTML 4Page - Texas Instruments TPS54610PWPR Datasheet HTML 5Page - Texas Instruments TPS54610PWPR Datasheet HTML 6Page - Texas Instruments TPS54610PWPR Datasheet HTML 7Page - Texas Instruments TPS54610PWPR Datasheet HTML 8Page - Texas Instruments TPS54610PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS54610
SLVS398F – JUNE 2001 – REVISED APRIL 2007
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
Input voltage range, VIN
3
6
V
fs = 350 kHz, SYNC ≤ 0.8 V, RT open,
11
15.8
PH pin open
I(Q)
Quiescent current
fs = 550 kHz, SYNC ≥ 2.5 V, RT open,
mA
16
23.5
PH pin open
Shutdown, SS/ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3.0
V
Stop threshold voltage, UVLO
2.70
2.80
V
Hysteresis voltage, UVLO
0.14
0.16
V
Rising and falling edge deglitch, UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.70
2.80
2.90
V
Output current, VBIAS (2)
100
µA
CUMULATIVE REFERENCE
Vref
Accuracy
0.882
0.891
0.900
V
REGULATION
IL = 3 A, fs = 350 kHz, TJ = 85°C
0.04
Line regulation(2)(3)
%/V
IL = 3 A, fs = 550 kHz, TJ = 85°C
0.04
IL = 0 A to 6 A, fs = 350 kHz, TJ = 85°C
0.03
Load regulation(1)(3)
%/A
IL = 0 A to 6 A, fs = 550 kHz, TJ = 85°C
0.03
OSCILLATOR
SYNC
≤ 0.8 V, RT open
280
350
420
Internally set—free running frequency
kHz
SYNC
≥ 2.5 V, RT open
440
550
660
RT = 180 k
Ω (1% resistor to AGND)(1)
252
280
308
Externally set—free running frequency range RT = 100 k
Ω (1% resistor to AGND)
460
500
540
kHz
RT = 68 k
Ω (1% resistor to AGND)(1)
663
700
762
High level threshold, SYNC
2.5
V
Low level threshold, SYNC
0.8
V
Pulse duration, external synchronization,
50
ns
SYNC(1)
Frequency range, SYNC(1)
330
700
kHz
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time(1)
200
ns
Maximum duty cycle
90%
ERROR AMPLIFIER
Error amplifier open loop voltage gain
1 k
Ω COMP to AGND(1)
90
110
dB
Error amplifier unity gain bandwidth
Parallel 10 k
Ω, 160 pF COMP to AGND(1)
3
5
MHz
Error amplifier common mode input voltage
Powered by internal LDO(1)
0
VBIAS
V
range
Input bias current, VSENSE
VSENSE = Vref
60
250
nA
Output voltage slew rate (symmetric),
1
1.4
V/
µs
COMP
(1)
Specified by design
(2)
Static resistive loads only
(3)
Specified by the circuit used in Figure 10
3
Submit Documentation Feedback


Número de pieza similar - TPS54610PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54610PWPR TI-TPS54610PWPR Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPRG4 TI-TPS54610PWPRG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Descripción similar - TPS54610PWPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610-Q1 TI1-TPS54610-Q1 Datasheet
546Kb / 23P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610 TI-TPS54610_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS54610 3-V to 6-V Input, 6-A Output Synchronous Buck PWM Switcher with Integrated FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com