Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MRF141G Datasheet(PDF) 2 Page - Motorola, Inc

No. de pieza MRF141G
Descripción Electrónicos  N-CHANNEL BROADBAND RF POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF141G Datasheet(HTML) 2 Page - Motorola, Inc

  MRF141G Datasheet HTML 1Page - Motorola, Inc MRF141G Datasheet HTML 2Page - Motorola, Inc MRF141G Datasheet HTML 3Page - Motorola, Inc MRF141G Datasheet HTML 4Page - Motorola, Inc MRF141G Datasheet HTML 5Page - Motorola, Inc MRF141G Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MRF141G
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS (1)
Drain–Source Breakdown Voltage
(VGS = 0, ID = 100 mA)
V(BR)DSS
65
Vdc
Zero Gate Voltage Drain Current
(VDS = 28 V, VGS = 0)
IDSS
5.0
mAdc
Gate–Body Leakage Current
(VGS = 20 V, VDS = 0)
IGSS
1.0
µAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = 10 V, ID = 100 mA)
VGS(th)
1.0
3.0
5.0
Vdc
Drain–Source On–Voltage
(VGS = 10 V, ID = 10 A)
VDS(on)
0.1
0.9
1.5
Vdc
Forward Transconductance
(VDS = 10 V, ID = 5.0 A)
gfs
5.0
7.0
mhos
DYNAMIC CHARACTERISTICS (1)
Input Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Ciss
350
pF
Output Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Coss
420
pF
Reverse Transfer Capacitance
(VDS = 28 V, VGS = 0, f = 1.0 MHz)
Crss
35
pF
FUNCTIONAL TESTS (2)
Common Source Amplifier Power Gain
(VDD = 28 V, Pout = 300 W, IDQ = 500 mA, f = 175 MHz)
Gps
12
14
dB
Drain Efficiency
(VDD = 28 V, Pout = 300 W, f = 175 MHz, ID (Max) = 21.4 A)
η
45
55
%
Load Mismatch
(VDD = 28 V, Pout = 300 W, IDQ = 500 mA, f = 175 MHz,
VSWR 5:1 at all Phase Angles)
ψ
No Degradation in Output Power
NOTES:
1. Each side measured separately.
2. Measured in push–pull configuration.


Número de pieza similar - MRF141G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
   RF Power FET 300W, 175MHz, 28V
logo
Advanced Semiconductor
MRF141G ASI-MRF141G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF141G MA-COM-MRF141G Datasheet
431Kb / 11P
   RF Power FET 300W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF141G NJSEMI-MRF141G Datasheet
87Kb / 2P
   RF Power Field-Effect Transistor
More results

Descripción similar - MRF141G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF177 MOTOROLA-MRF177 Datasheet
186Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Tyco Electronics
MRF141 MACOM-MRF141 Datasheet
205Kb / 10P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
Motorola, Inc
MRF141 MOTOROLA-MRF141 Datasheet
160Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF151G MOTOROLA-MRF151G Datasheet
156Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com