Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD2N100 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FQD2N100
Descripción Electrónicos  1000V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N100 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQD2N100 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. A, February 2002
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2002 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 120mH, IAS = 1.6A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 2.0A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
1000
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.976
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 1000 V, VGS = 0 V
--
--
10
µA
VDS = 800 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 0.8 A
--
7.1
9
gFS
Forward Transconductance
VDS = 50 V, ID = 0.8 A
--
1.9
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
400
520
pF
Coss
Output Capacitance
--
40
52
pF
Crss
Reverse Transfer Capacitance
--
5
6.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 500 V, ID = 2.0 A,
RG = 25 Ω
--
13
35
ns
tr
Turn-On Rise Time
--
30
70
ns
td(off)
Turn-Off Delay Time
--
25
60
ns
tf
Turn-Off Fall Time
--
35
80
ns
Qg
Total Gate Charge
VDS = 800 V, ID = 2.0 A,
VGS = 10 V
--
12
15.5
nC
Qgs
Gate-Source Charge
--
2.5
--
nC
Qgd
Gate-Drain Charge
--
6.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
1.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
6.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 1.6 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 2.0 A,
dIF / dt = 100 A/µs
--
520
--
ns
Qrr
Reverse Recovery Charge
--
2.3
--
µC


Número de pieza similar - FQD2N100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
logo
Inchange Semiconductor ...
FQD2N100 ISC-FQD2N100 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
More results

Descripción similar - FQD2N100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA8N100C FAIRCHILD-FQA8N100C Datasheet
693Kb / 8P
   1000V N-Channel MOSFET
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
   1000V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOK5N100 AOSMD-AOK5N100 Datasheet
294Kb / 5P
   1000V,4A N-Channel MOSFET
AOD2N100 AOSMD-AOD2N100 Datasheet
2Mb / 6P
   1000V,2A N-Channel MOSFET
AOT5N100 AOSMD-AOT5N100 Datasheet
344Kb / 6P
   1000V,4A N-Channel MOSFET
logo
SHIKUES Electronics
SK02N100T SKTECHNOLGY-SK02N100T Datasheet
1Mb / 5P
   1000V, 2A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com