Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD2P25 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FQD2P25
Descripción Electrónicos  250V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2P25 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FQD2P25 Datasheet HTML 1Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 2Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 3Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 4Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 5Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 6Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 7Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 8Page - Fairchild Semiconductor FQD2P25 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A, April 2000
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
Charge
VGS
-10V
Qg
Qgs
Qgd
-3mA
VGS
DUT
VDS
300nF
50K

200nF
12V
Same Type
as DUT
Charge
VGS
-10V
Qg
Qgs
Qgd
-3mA
VGS
DUT
VDS
300nF
50K

200nF
12V
Same Type
as DUT
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
VDS
RL
DUT
RG
VGS
VDS
VGS
10%
90%
t
d(on)
t
r
t
on
t
off
t
d(off)
t
f
VDD
-10V
VDS
RL
DUT
RG
VGS
EAS =L IAS
2
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
I D
t
p
EAS =L IAS
2
----
2
1
EAS =L IAS
2
----
2
1
----
2
1
--------------------
BVDSS -VDD
BVDSS
VDD
VDS
BVDSS
t
p
VDD
IAS
VDS (t)
ID (t)
Time
-10V
DUT
RG
L
L
I D
I D
t
p


Número de pieza similar - FQD2P25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQD2P40TM FAIRCHILD-FQD2P40TM Datasheet
702Kb / 8P
   P-Channel QFET MOSFET -400 V, -1.56 A, 6.5
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
More results

Descripción similar - FQD2P25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQPF6P25 FAIRCHILD-FQPF6P25 Datasheet
534Kb / 8P
   250V P-Channel MOSFET
FQP2P25 FAIRCHILD-FQP2P25 Datasheet
549Kb / 8P
   250V P-Channel MOSFET
FQP4P25 FAIRCHILD-FQP4P25 Datasheet
568Kb / 8P
   250V P-Channel MOSFET
FQP6P25 FAIRCHILD-FQP6P25 Datasheet
508Kb / 8P
   250V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2P25 KERSEMI-KSMD2P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
KSMD4P25 KERSEMI-KSMD4P25 Datasheet
1Mb / 8P
   250V P-Channel MOSFET
logo
Fairchild Semiconductor
FQD6P25TM FAIRCHILD-FQD6P25TM Datasheet
640Kb / 9P
   250V P-Channel MOSFET
FQD6P25 FAIRCHILD-FQD6P25 Datasheet
511Kb / 9P
   250V P-Channel MOSFET
FQPF4P25 FAIRCHILD-FQPF4P25 Datasheet
573Kb / 8P
   250V P-Channel MOSFET
FQB9P25 FAIRCHILD-FQB9P25 Datasheet
573Kb / 9P
   250V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com