Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCPL-181-06BE Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
HCPL-181-06BE Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
2 / 6 page 2 Ordering Information HCPL-181 is UL Recognized with 3750 Vrms for 1 minute per UL1577 and is approved under CSA Component Accep- tance Notice #5, File CA 88324 Part Number RoHS Compliant Option Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-2 Quantity Rank '0' 50%<CTR <600% Rank 'A' 80%<CTR <160% Rank 'B' 130%<CTR <260% Rank 'C' 200%<CTR <400% Rank 'D' 300%<CTR <600% HCPL- 181 -000E -00AE -00BE -00CE -00DE SO-4 X X 3000 pcs per reel -060E -06AE -06BE -06CE -06DE SO-4 X X X 3000 pcs per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: HCPL-181-00AE to order product of Miniflat-4 DC Surface Mount package in Tape and Reel packaging with 80%<CTR<160% and RoHS compliant. Example 2: HCPL-181-060E to order product of Miniflat-4 DC Surface Mount package in Tape and Reel packaging with 50%<CTR<600%, IEC/EN/DIN EN60747-5-2 Safety Approval and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |
Número de pieza similar - HCPL-181-06BE |
|
Descripción similar - HCPL-181-06BE |