Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza UC-1
Descripción Electrónicos  P-Clips
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

UC-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UC-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P-Clips
Page <1>
30/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Specification Table
Colour
External
Width
Hole
Fixing
Diameter
Maximum
Cable
Diameter
Minimum
Operating
Temperature
(°C)
Maximum
Operating
Temperature
(°C)
Material
Pack
Size
Part
Number
Natural
9.6
4.6
3.2
-40
85
Nylon 66
100
UC-0
4.8
UC-0.5
10
6.35
UC-1
7.9
UC-1.5
12
9.5
UC-2
12.7
UC-3
15.8
UC-4
19.4
UC-5
Dimensions : Millimetres


Número de pieza similar - UC-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Moxa Inc.
UC-2100 MOXA-UC-2100 Datasheet
2Mb / 8P
   Arm Cortex-A8 600 MHz palm-sized IIoT gateway
UC-2101-LX MOXA-UC-2101-LX Datasheet
2Mb / 8P
   Arm Cortex-A8 600 MHz palm-sized IIoT gateway
UC-2102-LX MOXA-UC-2102-LX Datasheet
2Mb / 8P
   Arm Cortex-A8 600 MHz palm-sized IIoT gateway
UC-2104-LX MOXA-UC-2104-LX Datasheet
2Mb / 8P
   Arm Cortex-A8 600 MHz palm-sized IIoT gateway
UC-2111-LX MOXA-UC-2111-LX Datasheet
2Mb / 8P
   Arm Cortex-A8 600 MHz palm-sized IIoT gateway
More results

Descripción similar - UC-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
   P-Clips, Nylon Cable Clamping Clips
logo
Bel Fuse Inc.
FC101 BEL-FC101 Datasheet
47Kb / 1P
   Fuse Clips
logo
Pepperl+Fuchs Inc.
LB9230B PF-LB9230B Datasheet
220Kb / 2P
   Retaining clips
2022-01-28
logo
List of Unclassifed Man...
561-1250032 ETC2-561-1250032 Datasheet
76Kb / 2P
   Snap Clips
logo
Extech Instruments Corp...
TL806 EXTECH-TL806_15 Datasheet
230Kb / 1P
   Alligator Clips
logo
Pomona Electronics
5108 POMONA-5108 Datasheet
139Kb / 1P
   Pin Clips
logo
List of Unclassifed Man...
ACC-3 ETC2-ACC-3 Datasheet
106Kb / 1P
   Cable Clips
501791 ETC2-501791 Datasheet
1Mb / 13P
   TEST CLIPS INSULATORS
561-AC001 ETC2-561-AC001 Datasheet
125Kb / 2P
   Nylon Arrow Clips
logo
Richco, Inc.
VM-1002 RICHCO-VM-1002 Datasheet
54Kb / 1P
   COMPONENT CLIPS, MOLDED
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com