Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU52025G Datasheet(PDF) 11 Page - Rohm

No. de pieza BU52025G
Descripción Electrónicos  Omnipolar Detection Hall ICs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU52025G Datasheet(HTML) 11 Page - Rohm

Back Button BU52025G Datasheet HTML 7Page - Rohm BU52025G Datasheet HTML 8Page - Rohm BU52025G Datasheet HTML 9Page - Rohm BU52025G Datasheet HTML 10Page - Rohm BU52025G Datasheet HTML 11Page - Rohm BU52025G Datasheet HTML 12Page - Rohm BU52025G Datasheet HTML 13Page - Rohm BU52025G Datasheet HTML 14Page - Rohm BU52025G Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,BU52015GUL,BU52025G,BU52053NVX,
BU52054GWZ,BU52055GWZ,BU52056NVX,BU52061NVX,BD7411G
11/31
www.rohm.com
2011.12 - Rev.G
© 2011 ROHM Co., Ltd. All rights reserved.
BU52021HFV,BU52025G (Unless otherwise specified, VDD=3.0V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Power Supply Voltage
VDD
2.4
3.0
3.6
V
Operate Point
BopS
-
3.7
5.5
mT
BopN
-5.5
-3.7
-
Release Point
BrpS
0.8
2.9
-
mT
BrpN
-
-2.9
-0.8
Hysteresis
BhysS
-
0.8
-
mT
BhysN
-
0.8
-
Period
Tp
-
50
100
ms
Output High Voltage
VOH
VDD-0.4
-
-
V
BrpN<B<BrpS
25
IOUT =-1.0mA
Output Low Voltage
VOL
-
-
0.4
V
B<BopN, BopS<B
25
IOUT =+1.0mA
Supply Current
IDD(AVG)
-
8
12
µA
Average
Supply Current During Startup Time
IDD(EN)
-
4.7
-
mA
During Startup Time Value
Supply Current During Standby Time
IDD(DIS)
-
3.8
-
µA
During Standby Time Value
25 B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.


Número de pieza similar - BU52025G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52025G ROHM-BU52025G Datasheet
192Kb / 5P
   Hall effect Switch
BU52025G ROHM-BU52025G Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G ROHM-BU52025G Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52025G ROHM-BU52025G Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52025G ROHM-BU52025G Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
More results

Descripción similar - BU52025G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU52001GUL_1012 ROHM-BU52001GUL_1012 Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL_10 Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52025G-TR ROHM-BU52025G-TR Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
BU52075GWZ ROHM-BU52075GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52273NUZ ROHM-BU52273NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52493NUZ ROHM-BU52493NUZ Datasheet
1Mb / 19P
   Omnipolar Detection Hall IC
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52001GUL ROHM-BU52001GUL_11 Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52078GWZ ROHM-BU52078GWZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
BU52272NUZ ROHM-BU52272NUZ Datasheet
1Mb / 20P
   Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com