Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DAC3174 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza DAC3174
Descripción Electrónicos  Dual 14-bit 500 MSPS Digital to Analog Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 1 Page - Texas Instruments

  DAC3174 Datasheet HTML 1Page - Texas Instruments DAC3174 Datasheet HTML 2Page - Texas Instruments DAC3174 Datasheet HTML 3Page - Texas Instruments DAC3174 Datasheet HTML 4Page - Texas Instruments DAC3174 Datasheet HTML 5Page - Texas Instruments DAC3174 Datasheet HTML 6Page - Texas Instruments DAC3174 Datasheet HTML 7Page - Texas Instruments DAC3174 Datasheet HTML 8Page - Texas Instruments DAC3174 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
Dual 14-bit 500 MSPS Digital to Analog Converter
1
FEATURES
APPLICATIONS
2
Dual Channel
Multi-carrier, Multi-mode Cellular Infrastructure
Base Stations
14-Bit Resolution
Radar
Maximum Sample Rate: 500 MSPS
Signal Intelligence
Pin Compatible with DAC3154/DAC3164 and
DAC3151/DAC3161/DAC3171
Software-defined Radio
Input Interface:
Test and Measurement Instrumentation
14 LVDS Inputs
DESCRIPTION
Single 14-bit wide interface
The DAC3174 is a dual channel 14-bit, 500 MSPS
or Dual 7-bit wide interface
digital-to-analog converter (DAC). The DAC3174
Single or dual DDR data clock
uses a 14-bit wide LVDS digital bus with 1 or 2
independent data clocks for flexibility in providing
Internal FIFO
each channel’s data from different data sources. An
Chip to Chip Synchronization
input FIFO allows independent data and sample
Power Dissipation: 460mW
clocks. FIFO input and output pointers can be
Spectral Performance at 20 MHz IF
synchronized across multiple devices for precise
signal synchronization. The DAC outputs are current
SNR: 76 dBFS
sourcing and terminate to GND with a compliance
SFDR: 78 dBc
range of –0.5 to 1V. DAC3174 is pin compatible with
Current sourcing DACs
the dual-channel, 12-/10-bit, 500 MSPS digital-to-
analog converter DAC3164/DAC3154 and single-
Compliance Range: –0.5V to 1V
channel, 14-/12-/10-bit, 500 MSPS digital-to-analog
Package: 64 pin QFN (9x9mm)
converter DAC3171/DAC3161/DAC3151.
The device is available in a QFN-64 PowerPAD™
package
is
specified
over
the
full
industrial
temperature range (–40°C to 85°C).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - DAC3174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results

Descripción similar - DAC3174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com