Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS22964CYZPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS22964CYZPR
Descripción Electrónicos  ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS22964CYZPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS22964CYZPR Datasheet HTML 7Page - Texas Instruments TPS22964CYZPR Datasheet HTML 8Page - Texas Instruments TPS22964CYZPR Datasheet HTML 9Page - Texas Instruments TPS22964CYZPR Datasheet HTML 10Page - Texas Instruments TPS22964CYZPR Datasheet HTML 11Page - Texas Instruments TPS22964CYZPR Datasheet HTML 12Page - Texas Instruments TPS22964CYZPR Datasheet HTML 13Page - Texas Instruments TPS22964CYZPR Datasheet HTML 14Page - Texas Instruments TPS22964CYZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
TPS22963
TPS22964
www.ti.com
SLVSBS6 – JUNE 2013
TYPICAL AC SCOPE CAPTURES @ TA = 25ºC
x
x
TURN-ON RESPONSE TIME
TURN-OFF RESPONSE TIME
(VIN = 5.5V, CIN = 1µF, COUT = 0.1µF, ROUT = 10Ω)
(VIN = 5.5V, CIN = 1µF, COUT = 0.1µF, ROUT = 10Ω)
x
x
TURN-ON RESPONSE TIME
TURN-OFF RESPONSE TIME
(VIN = 5V, CIN = 1µF, COUT = 0.1µF, ROUT = 10Ω)
(VIN = 5V, CIN = 1µF, COUT = 0.1µF, ROUT = 10Ω)
x
x
TURN-ON RESPONSE TIME
TURN-OFF RESPONSE TIME
(VIN = 4.5V, CIN = 1µF, COUT = 0.1µF, ROUT = 10Ω)
(VIN = 4.5V, CIN = 1µF, COUT = 0.1µF, ROUT = 10Ω)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS22963 TPS22964


Número de pieza similar - TPS22964CYZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22964CYZPR TI1-TPS22964CYZPR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22964CYZPR TI1-TPS22964CYZPR Datasheet
1Mb / 28P
[Old version datasheet]   5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22964CYZPR TI-TPS22964CYZPR Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Descripción similar - TPS22964CYZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Toshiba Semiconductor
TCK111G TOSHIBA-TCK111G Datasheet
516Kb / 10P
   3A, 8 m廓 Ultra Low On Resistance Load Switch IC with Reverse Current Blocking and Thermal Shutdown function
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com