Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3839L30 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS3839L30
Descripción Electrónicos  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3839L30 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3839L30 Datasheet HTML 5Page - Texas Instruments TPS3839L30 Datasheet HTML 6Page - Texas Instruments TPS3839L30 Datasheet HTML 7Page - Texas Instruments TPS3839L30 Datasheet HTML 8Page - Texas Instruments TPS3839L30 Datasheet HTML 9Page - Texas Instruments TPS3839L30 Datasheet HTML 10Page - Texas Instruments TPS3839L30 Datasheet HTML 11Page - Texas Instruments TPS3839L30 Datasheet HTML 12Page - Texas Instruments TPS3839L30 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
VDD voltage drop below VIT− (%)
Reset Occurs Above Line
G010
Transient
Duration
(t )
W
Transient
Amplitude
V
DD
V
IT-
TPS3831
TPS3839
www.ti.com
SBVS193B – JUNE 2012 – REVISED APRIL 2013
APPLICATION INFORMATION
VDD TRANSIENT REJECTION
The TPS383x (TPS3831 and TPS3839) has built-in rejection of fast transients on the VDD pin. Transient
rejection depends on both the duration and amplitude of the transient. Transient amplitude is measured from the
bottom of the transient to the negative threshold voltage (VIT–) of the device, as shown in Figure 14.
Figure 14. Voltage Transient Measurement
Figure 15 shows the relationship between the transient amplitude and duration required to trigger a reset. Any
combination of duration and amplitude greater than that shown in Figure 15 generates a reset signal.
Figure 15. TPS3839 Transient Rejection
INPUT CAPACITOR
The TPS383x uses a unique sampling scheme to maintain an extremely low average quiescent current of 150
nA. The TPS383x typically consumes only about 100 nA of dc current. However, this current rises to
approximately 15 µA for around 200 µs while the TPS383x samples the input voltage. If the source impedance
back to the supply voltage is high, then the additional current during sampling may trigger a false reset as a
result of the apparent voltage drop at VDD. For high VDD source or trace impedance applications, it is
recommended to add a small 0.1-µF bypass capacitor near the TPS3839 VDD pin. This bypass capacitor
effectively keeps the average current at 150 nA and reduces the effects of a high-impedance voltage source.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS3831 TPS3839


Número de pieza similar - TPS3839L30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3839L30DBZ TI1-TPS3839L30DBZ Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839L30DBZR TI1-TPS3839L30DBZR Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839L30DBZR TI1-TPS3839L30DBZR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
TPS3839L30DBZT TI1-TPS3839L30DBZT Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839L30DBZT TI1-TPS3839L30DBZT Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Descripción similar - TPS3839L30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com